Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74LVC74A-Q100 Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part No. 74LVC74A-Q100
Description  Dual D-type flip-flop with set and reset; positive-edge trigger
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC74A-Q100 Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button 74LVC74A-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74LVC74A-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74LVC74A-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC74A-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC74A-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC74A-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC74A-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC74A-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC74A-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© Nexperia B.V. 2017. All rights reserved
74LVC74A_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 5 April 2013
10 of 18
Nexperia
74LVC74A-Q100
Dual D-type flip-flop with set and reset; positive-edge trigger
Measurement points are given in Table 9.
VOL and VOH are typical output voltage levels that occur with the output load.
Fig 8.
Set and reset propagation delays, pulse widths and recovery time
mna423
trec
tPHL
tPHL
tW
tPLH
tPLH
VM
VM
VM
tW
VM
VM
VI
GND
VI
GND
nSD input
VI
GND
nRD input
nCP input
VOH
VOL
nQ output
VOH
VOL
nQ output
Table 9.
Measurement points
Supply voltage
Input
Output
VCC
VI
VM
VM
1.2 V
VCC
0.5
 V
CC
0.5
 V
CC
1.65 V to 1.95 V
VCC
0.5
 V
CC
0.5
 V
CC
2.3 V to 2.7 V
VCC
0.5
 V
CC
0.5
 V
CC
2.7 V
2.7 V
1.5 V
1.5 V
3.0 V to 3.6 V
2.7 V
1.5 V
1.5 V


Similar Part No. - 74LVC74A-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74LVC74A NXP-74LVC74A Datasheet
111Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 06-4 June 2007
74LVC74ABQ NXP-74LVC74ABQ Datasheet
111Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 06-4 June 2007
74LVC74AD PHILIPS-74LVC74AD Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
74LVC74AD NXP-74LVC74AD Datasheet
111Kb / 16P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 06-4 June 2007
More results

Similar Description - 74LVC74A-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
Integral Corp.
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
NXP Semiconductors
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74AHC74-Q100 NEXPERIA-74AHC74-Q100 Datasheet
752Kb / 19P
   Dual D-type flip-flop with set and reset positive-edge trigger
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz