Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AHC74-Q100 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part No. 74AHC74-Q100
Description  Dual D-type flip-flop with set and reset positive-edge trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHC74-Q100 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74AHC74-Q100 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74AHC_AHCT74_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 21 April 2015
2 of 19
Nexperia
74AHC74-Q100; 74AHCT74-Q100
Dual D-type flip-flop with set and reset; positive-edge trigger
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74AHC74-Q100
74AHC74D-Q100
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width
3.9 mm
SOT108-1
74AHC74PW-Q100
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74AHC74BQ-Q100
40 C to +125 C
DHVQFN14 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
74AHCT74-Q100
74AHCT74D-Q100
40 C to +125 C
SO14
plastic small outline package; 14 leads; body width
3.9 mm
SOT108-1
74AHCT74PW-Q100
40 C to +125 C
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
74AHCT74BQ-Q100
40 C to +125 C
DHVQFN14 plastic dual in-line compatible thermal enhanced
very thin quad flat package; no leads; 14 terminals;
body 2.5
 3  0.85 mm
SOT762-1
Fig 1.
Functional diagram
mna418
RD
FF
SD
410
Q
1Q
2Q
1Q
2Q
5
9
2
12
3
11
6
8
Q
1SD
CP
2CP
1CP
2D
1D
D
2SD
113
1RD 2RD


Similar Part No. - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74AHC74 PHILIPS-74AHC74 Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74BQ NXP-74AHC74BQ Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74D PHILIPS-74AHC74D Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74D NXP-74AHC74D Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74PW PHILIPS-74AHC74PW Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
More results

Similar Description - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
Integral Corp.
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
NXP Semiconductors
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz