Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AHC74-Q100 Datasheet(PDF) 15 Page - Nexperia B.V. All rights reserved

Part No. 74AHC74-Q100
Description  Dual D-type flip-flop with set and reset positive-edge trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHC74-Q100 Datasheet(HTML) 15 Page - Nexperia B.V. All rights reserved

Back Button 74AHC74-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 19Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74AHC_AHCT74_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 21 April 2015
15 of 19
Nexperia
74AHC74-Q100; 74AHCT74-Q100
Dual D-type flip-flop with set and reset; positive-edge trigger
Fig 12. Package outline SOT762-1 (DHVQFN14)
terminal 1
index area
0.5
1
A1
Eh
b
UNIT
y
e
0.2
c
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
Dh
1.65
1.35
y1
2.6
2.4
1.15
0.85
e1
2
0.30
0.18
0.05
0.00
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT762-1
MO-241
- - -
- - -
0.5
0.3
L
0.1
v
0.05
w
0
2.5
5 mm
scale
SOT762-1
DHVQFN14: plastic dual in-line compatible thermal enhanced very thin quad flat package; no leads;
14 terminals; body 2.5 x 3 x 0.85 mm
A(1)
max.
A
A1
c
detail X
y
y1 C
e
L
Eh
Dh
e
e1
b
26
13
9
8
7
1
14
X
D
E
C
B
A
02-10-17
03-01-27
terminal 1
index area
A
C
C
B
v M
w M
E(1)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
D(1)


Similar Part No. - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74AHC74 PHILIPS-74AHC74 Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74BQ NXP-74AHC74BQ Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74D PHILIPS-74AHC74D Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74D NXP-74AHC74D Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74PW PHILIPS-74AHC74PW Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
More results

Similar Description - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
Integral Corp.
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
NXP Semiconductors
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz