Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AHC74-Q100 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part No. 74AHC74-Q100
Description  Dual D-type flip-flop with set and reset positive-edge trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHC74-Q100 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74AHC74-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74AHC_AHCT74_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 21 April 2015
13 of 19
Nexperia
74AHC74-Q100; 74AHCT74-Q100
Dual D-type flip-flop with set and reset; positive-edge trigger
12. Package outline
Fig 10. Package outline SOT108-1 (SO14)
UNIT
A
max.
A1
A2
A3
bp
cD(1)
E(1)
(1)
eHE
LLp
QZ
y
w
v
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
inches
1.75
0.25
0.10
1.45
1.25
0.25
0.49
0.36
0.25
0.19
8.75
8.55
4.0
3.8
1.27
6.2
5.8
0.7
0.6
0.7
0.3
8
0
o
o
0.25
0.1
DIMENSIONS (inch dimensions are derived from the original mm dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included.
1.0
0.4
SOT108-1
X
w M
θ
A
A1
A2
bp
D
HE
L p
Q
detail X
E
Z
e
c
L
v M A
(A )
3
A
7
8
1
14
y
076E06
MS-012
pin 1 index
0.069
0.010
0.004
0.057
0.049
0.01
0.019
0.014
0.0100
0.0075
0.35
0.34
0.16
0.15
0.05
1.05
0.041
0.244
0.228
0.028
0.024
0.028
0.012
0.01
0.25
0.01
0.004
0.039
0.016
99-12-27
03-02-19
0
2.5
5 mm
scale
SO14: plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Similar Part No. - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74AHC74 PHILIPS-74AHC74 Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74BQ NXP-74AHC74BQ Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74D PHILIPS-74AHC74D Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74D NXP-74AHC74D Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74PW PHILIPS-74AHC74PW Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
More results

Similar Description - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
Integral Corp.
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
NXP Semiconductors
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz