Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AHC74-Q100 Datasheet(PDF) 9 Page - Nexperia B.V. All rights reserved

Part No. 74AHC74-Q100
Description  Dual D-type flip-flop with set and reset positive-edge trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHC74-Q100 Datasheet(HTML) 9 Page - Nexperia B.V. All rights reserved

Back Button 74AHC74-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 13Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74AHC_AHCT74_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 21 April 2015
9 of 19
Nexperia
74AHC74-Q100; 74AHCT74-Q100
Dual D-type flip-flop with set and reset; positive-edge trigger
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC =5.0 V).
[2]
tpd is the same as tPLH and tPHL.
[3]
CPD is used to determine the dynamic power dissipation (PD in W).
PD =CPD  VCC2  fi  N+ (CL  VCC2  fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
(C
L  VCC
2
 f
o) = sum of the outputs.
CPD
power
dissipation
capacitance
fi = 1 MHz; VI =GND to VCC
[3]
-12-
-
-
-
-
pF
74AHCT74-Q100; VCC =4.5Vto5.5V
tpd
propagation
delay
nCP to nQ, nQ; see Figure 7
[2]
CL = 15 pF
-
3.3
7.8
1.0
9.0
1.0
10.0
ns
CL = 50 pF
-
4.8
8.8
1.0
10.0
1.0
11.0
ns
nSD, nRD to nQ, nQ;
see Figure 7
CL = 15 pF
-
3.7
10.4
1.0
12.0
1.0
13.0
ns
CL = 50 pF
-
5.3
11.4
1.0
13.0
1.0
14.5
ns
fmax
maximum
frequency
see Figure 7
CL = 15 pF
100
160
-
80
-
80
-
MHz
CL =50 pF
80
140
-
65
-
65
-
MHz
tW
pulse width
CP HIGH or LOW;
nSD, nRD LOW;
see Figure 7 and Figure 8
5.0
-
-
5.0
-
5.0
-
ns
tsu
set-up time
nD to nCP; see Figure 7
5.0
-
-
5.0
-
5.0
-
ns
th
hold time
nD to nCP; see Figure 7
0-
-
0
-
0
-
ns
trec
recovery
time
nRD to nCP; see Figure 8
3.5
-
-
3.5
-
3.5
-
ns
CPD
power
dissipation
capacitance
fi = 1 MHz; VI =GND to VCC
[3]
-16-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit, see Figure 9.
Symbol Parameter
Conditions
25
C
40 C to +85 C 40 C to +125 C Unit
Min Typ[1] Max
Min
Max
Min
Max


Similar Part No. - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74AHC74 PHILIPS-74AHC74 Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74BQ NXP-74AHC74BQ Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74D PHILIPS-74AHC74D Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74D NXP-74AHC74D Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74PW PHILIPS-74AHC74PW Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
More results

Similar Description - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
Integral Corp.
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
NXP Semiconductors
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz