Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74AHC74-Q100 Datasheet(PDF) 6 Page - Nexperia B.V. All rights reserved

Part No. 74AHC74-Q100
Description  Dual D-type flip-flop with set and reset positive-edge trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHC74-Q100 Datasheet(HTML) 6 Page - Nexperia B.V. All rights reserved

Back Button 74AHC74-Q100 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74AHC74-Q100 Datasheet HTML 10Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© Nexperia B.V. 2017. All rights reserved
74AHC_AHCT74_Q100
All information provided in this document is subject to legal disclaimers.
Product data sheet
Rev. 2 — 21 April 2015
6 of 19
Nexperia
74AHC74-Q100; 74AHCT74-Q100
Dual D-type flip-flop with set and reset; positive-edge trigger
8.
Recommended operating conditions
9.
Static characteristics
Table 5.
Operating conditions
Symbol Parameter
Conditions
Min
Typ
Max
Unit
74AHC74-Q100
VCC
supply voltage
2.0
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
+25
+125
C
t/V
input transition rise and fall rate
VCC = 3.0 V to 3.6 V
-
-
100
ns/V
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
74AHCT74-Q100
VCC
supply voltage
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
0
-
VCC
V
Tamb
ambient temperature
40
+25
+125
C
t/V
input transition rise and fall rate
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
Table 6.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
25
C
40 Cto+85 C 40 Cto+125 C Unit
Min
Typ
Max
Min
Max
Min
Max
74AHC74-Q100
VIH
HIGH-level
input voltage
VCC =2.0 V
1.5
-
-
1.5
-
1.5
-
V
VCC =3.0 V
2.1
-
-
2.1
-
2.1
-
V
VCC = 5.5 V
3.85
-
-
3.85
-
3.85
-
V
VIL
LOW-level
input voltage
VCC = 2.0 V
-
-
0.5
-
0.5
-
0.5
V
VCC = 3.0 V
-
-
0.9
-
0.9
-
0.9
V
VCC = 5.5 V
-
-
1.65
-
1.65
-
1.65
V
VOH
HIGH-level
output voltage
VI =VIH or VIL
IO = 50 A; VCC = 2.0 V
1.9
2.0
-
1.9
-
1.9
-
V
IO = 50 A; VCC = 3.0 V
2.9
3.0
-
2.9
-
2.9
-
V
IO = 50 A; VCC = 4.5 V
4.4
4.5
-
4.4
-
4.4
-
V
IO = 4.0 mA; VCC = 3.0 V
2.58
-
-
2.48
-
2.40
-
V
IO = 8.0 mA; VCC = 4.5 V
3.94
-
-
3.80
-
3.70
-
V
VOL
LOW-level
output voltage
VI =VIH or VIL
IO =50 A; VCC = 2.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =50 A; VCC = 3.0 V
-
0
0.1
-
0.1
-
0.1
V
IO =50 A; VCC = 4.5 V
-
0
0.1
-
0.1
-
0.1
V
IO =4.0 mA; VCC = 3.0 V
-
-
0.36
-
0.44
-
0.55
V
IO =8.0 mA; VCC = 4.5 V
-
-
0.36
-
0.44
-
0.55
V


Similar Part No. - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74AHC74 PHILIPS-74AHC74 Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74BQ NXP-74AHC74BQ Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74D PHILIPS-74AHC74D Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
74AHC74D NXP-74AHC74D Datasheet
110Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Rev. 05-9 June 2008
74AHC74PW PHILIPS-74AHC74PW Datasheet
92Kb / 20P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1999 Sep 23
More results

Similar Description - 74AHC74-Q100

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
74LVC74A PHILIPS-74LVC74A Datasheet
99Kb / 10P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Jun 17
Integral Corp.
Integral Corp.
IN74LV74 INTEGRAL-IN74LV74 Datasheet
161Kb / 7P
   Dual D-type flip-flop with set and reset; positive-edge trigger
Nexperia B.V. All rights reserved
Nexperia B.V. All right...
74LVC74A-Q100 NEXPERIA-74LVC74A-Q100 Datasheet
722Kb / 18P
   Dual D-type flip-flop with set and reset; positive-edge trigger
74HC74-Q100 NEXPERIA-74HC74-Q100 Datasheet
798Kb / 19P
   Dual D-type flip-flop with set and reset; positive edge-trigger
NXP Semiconductors
NXP Semiconductors
74LV74 PHILIPS-74LV74 Datasheet
125Kb / 12P
   Dual D-type flip-flop with set and reset; positive-edge trigger
1998 Apr 20
74HC74D-T NXP-74HC74D-T Datasheet
125Kb / 22P
   Dual D-type flip-flop with set and reset; positive-edge trigger
2003 Jul 10
74HC74DB118 PHILIPS-74HC74DB118 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74N652 PHILIPS-74HC74N652 Datasheet
193Kb / 22P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HCT74D-T NXP-74HCT74D-T Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
74HC74 NXP-74HC74 Datasheet
175Kb / 21P
   Dual D-type flip-flop with set and reset; positive edge-trigger
Rev. 4-27 August 2012
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz