Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EPT20 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EPT20
Description  LVTTL/LVCMOS to Differential LVPECL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EPT20 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EPT20 Datasheet HTML 1Page - ON Semiconductor MC10EPT20 Datasheet HTML 2Page - ON Semiconductor MC10EPT20 Datasheet HTML 3Page - ON Semiconductor MC10EPT20 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 1999
September, 1999 – Rev. 1.0
1
Publication Order Number:
MC10EPT20/D
MC10EPT20
LVTTL/LVCMOS to
Differential LVPECL Translator
The MC10EPT20 is a LVTTL/LVCMOS to differential LVPECL
translator. Because LVPECL (Positive ECL) levels are used only
+3.3V and ground are required. The small outline 8–lead SOIC
package and the single gate of the EPT20 makes it ideal for those
applications where space, performance, and low power are at a
premium.
390ps Typical Propagation Delay
High Bandwidth to 1.0 GHz Typical
Differential LVPECL Outputs
Small Outline SOIC Package
PNP LVTTL Inputs for Minimal Loading
VCC Range of 3.0V to 3.6V
ESD Protection: >1.5KV HBM, >200V MM
Q Output will default HIGH with inputs open
Moisture Sensitivity Level 1, Indefinite Time Out of Drypack.
For Additional Information, See Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 150 devices
1
2
3
45
6
7
8
D
GND
VCC
Figure 1. 8–Lead Pinout (Top View) and Logic Diagram
Q
NC
Q
NC
NC
LVTTL
LVPECL
SO–8
D SUFFIX
CASE 751
PIN DESCRIPTION
PIN
Q, Q
D
LVTTL Input
FUNCTION
Differential LVPECL Outputs
http://onsemi.com
VCC
GND
Ground
Positive Supply
MARKING DIAGRAM
HPT20
Device
Package
Shipping
ORDERING INFORMATION
MC10EPT20D
SOIC
98 Units/Rail
MC10EPT20DR2
SOIC
2500 Tape & Reel
ALYW
1
8
1
8
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D


Similar Part No. - MC10EPT20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
MC10EPT20 ONSEMI-MC10EPT20 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
MC10EPT20D ONSEMI-MC10EPT20D Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20D ONSEMI-MC10EPT20D Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
More results

Similar Description - MC10EPT20

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EPT20 ONSEMI-MC10EPT20_16 Datasheet
168Kb / 10P
   LVTTL/LVCMOS to Differential LVPECL Translator
August, 2016 ??Rev. 12
logo
Micrel Semiconductor
SY89322V MICREL-SY89322V Datasheet
44Kb / 5P
   LVTTL/LVCMOS-to-DIFFERENTIAL LVPECL TRANSLATOR
logo
ON Semiconductor
MC100EPT22 ONSEMI-MC100EPT22 Datasheet
65Kb / 4P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
Sep, 1999 ??Rev. 2.0
MC100LVELT20 ONSEMI-MC100LVELT20 Datasheet
49Kb / 6P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. P1
MC100LVELT20 ONSEMI-MC100LVELT20_06 Datasheet
106Kb / 7P
   3.3VLVTTL/LVCMOS to Differential LVPECL Translator
November, 2006 ??Rev. P3
MC100EPT20 ONSEMI-MC100EPT20 Datasheet
65Kb / 8P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
September, 2004 ??Rev. 7
MC10EPT20 ONSEMI-MC10EPT20_06 Datasheet
140Kb / 10P
   3.3V LVTTL/LVCMOS to Differential LVPECL Translator
December, 2006 ??Rev. 9
logo
List of Unclassifed Man...
T73LVP20 ETC1-T73LVP20 Datasheet
418Kb / 5P
   3.3V LVTTL/LVCMOS-to-Differential LVPECL Translator
logo
ON Semiconductor
MC100LVELT22 ONSEMI-MC100LVELT22 Datasheet
57Kb / 3P
   Dual LVTTL/LVCMOS to Differential LVPECL Translator
1996 REV 0
logo
Potato Semiconductor Co...
PO100HSTL179A POTATO-PO100HSTL179A Datasheet
692Kb / 8P
   Differential LVDS/LVPECL/HSTL to LVTTL Translator LVTTL/LVCMOS to Differential HSTL Translator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com