Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM39F010-70JC Datasheet(PDF) 10 Page - PMC-Sierra, Inc

Part # PM39F010-70JC
Description  1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39F010-70JC Datasheet(HTML) 10 Page - PMC-Sierra, Inc

Back Button PM39F010-70JC Datasheet HTML 6Page - PMC-Sierra, Inc PM39F010-70JC Datasheet HTML 7Page - PMC-Sierra, Inc PM39F010-70JC Datasheet HTML 8Page - PMC-Sierra, Inc PM39F010-70JC Datasheet HTML 9Page - PMC-Sierra, Inc PM39F010-70JC Datasheet HTML 10Page - PMC-Sierra, Inc PM39F010-70JC Datasheet HTML 11Page - PMC-Sierra, Inc PM39F010-70JC Datasheet HTML 12Page - PMC-Sierra, Inc PM39F010-70JC Datasheet HTML 13Page - PMC-Sierra, Inc PM39F010-70JC Datasheet HTML 14Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2004, Rev: 1.3
PMC
Pm39F010 / Pm39F020 / Pm39F040
10
COMMAND DEFINITION
Table 3. Software Command Definition
d
n
a
m
m
o
C
e
c
n
e
u
q
e
S
s
u
B
e
l
c
y
C
s
u
B
t
s
1
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
d
n
2
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
d
r
3
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
h
t
4
e
l
c
y
C
a
t
a
D
r
d
d
A
s
u
B
h
t
5
e
c
l
y
C
a
t
a
D
r
d
d
A
s
u
B
h
t
6
e
l
c
y
C
a
t
a
D
r
d
d
A
d
a
e
R1
D
r
d
d
A
T
U
O
e
s
a
r
E
p
i
h
C6
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
8
h
5
5
5h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
1
h
5
5
5
e
s
a
r
E
r
o
t
c
e
S6
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
8
h
5
5
5h
A
A
h
5
5
5h
5
5
h
A
A
2A
S
)
1
(
h
0
3
e
s
a
r
E
k
c
o
l
B6
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
8
h
5
5
5h
A
A
h
5
5
5h
5
5
h
A
A
2A
B
)
2
(
h
0
5
m
a
r
g
o
r
P
e
t
y
B4
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
A
h
5
5
5D
r
d
d
A
N
I
y
r
t
n
E
D
I
t
c
u
d
o
r
P3
h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
9
h
5
5
5
t
i
x
E
D
I
t
c
u
d
o
r
P
)
3
(
3h
A
A
h
5
5
5h
5
5
h
A
A
2h
0
F
h
5
5
5
t
i
x
E
D
I
t
c
u
d
o
r
P
)
3
(
1h
0
F
h
X
X
X
Notes:
1. SA = Sector address of the sector to be erased.
2. BA = Block address of the block to be erased.
3. Either one of the Product ID Exit command can be used.
OPERATING MODES
Notes:
1. X can be VIL, VIH or addresses.
2. AMS = Most significant address;
AMS = A16 for Pm39F010, A17 for Pm39F020, and
A18 for Pm39F040.
Table 2. Bus Operation Modes
e
d
o
M#
E
C#
E
O#
E
WS
S
E
R
D
D
AO
/
I
d
a
e
RV LI
V LI
V H
I
X )
1
(
D T
U
O
e
t
i
r
WV LI
V H
I
V LI
XD N
I
y
b
d
n
a
t
SV H
I
XX
X
Z
h
g
i
H
e
l
b
a
s
i
D
t
u
p
t
u
OX
V H
I
XX
Z
h
g
i
H
n
o
i
t
a
c
i
f
i
t
n
e
d
I
t
c
u
d
o
r
P
e
r
a
w
d
r
a
H
V LI
V LI
V H
I
A
-
2
A
S
M
)
2
(
==
9
A
,
X
VH
)
3
( ,
V
=
1
A
L
I
V
=
0
A
,
L
I
D
I
r
e
r
u
t
c
a
f
u
n
a
M
A
-
2
A
S
M
)
2
(
=
9
A
,
X
=
VH
)
3
( ,
V
=
1
A
L
I
V
=
0
A
,
H
I
D
I
e
c
i
v
e
D
3. VH = 12.0 V ± 0.5 V.


Similar Part No. - PM39F010-70JC

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39F010-70JC

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Elite Semiconductor Mem...
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com