Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9224 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RT9224
Description  5-Bit Programmable Synchronous PWM Buck Converter Controller and Output Voltage Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RT9224 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RT9224 Datasheet HTML 1Page - List of Unclassifed Manufacturers RT9224 Datasheet HTML 2Page - List of Unclassifed Manufacturers RT9224 Datasheet HTML 3Page - List of Unclassifed Manufacturers RT9224 Datasheet HTML 4Page - List of Unclassifed Manufacturers RT9224 Datasheet HTML 5Page - List of Unclassifed Manufacturers RT9224 Datasheet HTML 6Page - List of Unclassifed Manufacturers RT9224 Datasheet HTML 7Page - List of Unclassifed Manufacturers RT9224 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RT9224
5
DS9224-05 March 2004
www.richtek.com
Table 1 Output Voltage Program
Pin Name
Pin Name
VID4 VID3 VID2 VID1 VID0
Nominal Output
Voltage DACOUT
VID4 VID3 VID2 VID1 VID0
Nominal
Output Voltage
DACOUT
0
1
1
1
1
1.30V
1
1
1
1
1
2.0V
0
1
1
1
0
1.35V
1
1
1
1
0
2.1V
0
1
1
0
1
1.40V
1
1
1
0
1
2.2V
0
1
1
0
0
1.45V
1
1
1
0
0
2.3V
0
1
0
1
1
1.50V
1
1
0
1
1
2.4V
0
1
0
1
0
1.55V
1
1
0
1
0
2.5V
0
1
0
0
1
1.60V
1
1
0
0
1
2.6V
0
1
0
0
0
1.65V
1
1
0
0
0
2.7V
0
0
1
1
1
1.70V
1
0
1
1
1
2.8V
0
0
1
1
0
1.75V
1
0
1
1
0
2.9V
0
0
1
0
1
1.80V
1
0
1
0
1
3.0V
0
0
1
0
0
1.85V
1
0
1
0
0
3.1V
0
0
0
1
1
1.90V
1
0
0
1
1
3.2V
0
0
0
1
0
1.95V
1
0
0
1
0
3.3V
0
0
0
0
1
2.00V
1
0
0
0
1
3.4V
0
0
0
0
0
2.05V
1
0
0
0
0
3.5V


Similar Part No. - RT9224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9224C ETC1-RT9224C Datasheet
208Kb / 8P
   VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
RT9224CC ETC1-RT9224CC Datasheet
208Kb / 8P
   VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
RT9224CCS ETC1-RT9224CCS Datasheet
208Kb / 8P
   VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
RT9224CP ETC1-RT9224CP Datasheet
208Kb / 8P
   VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
RT9224CPS ETC1-RT9224CPS Datasheet
208Kb / 8P
   VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
More results

Similar Description - RT9224

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9223 ETC-RT9223 Datasheet
139Kb / 8P
   5 BIT PROGRAMMABLE SYNCHRONOUS PWM BUCK CONVERTER CONTROLLER
RT9224E ETC1-RT9224E Datasheet
208Kb / 8P
   VRM 8.5 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
RT9224C ETC1-RT9224C Datasheet
208Kb / 8P
   VRM 9.0 Synchronous PWM Buck Converter Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004E INTERSIL-HIP6004E Datasheet
499Kb / 13P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6014 RENESAS-HIP6014 Datasheet
793Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
March 2000
logo
Intersil Corporation
HIP6004A INTERSIL-HIP6004A Datasheet
159Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004B INTERSIL-HIP6004B Datasheet
339Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
HIP6004E INTERSIL-HIP6004E Datasheet
317Kb / 12P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Renesas Technology Corp
HIP6004D RENESAS-HIP6004D Datasheet
835Kb / 14P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
logo
Intersil Corporation
HIP6004BCB-T INTERSIL-HIP6004BCB-T Datasheet
630Kb / 15P
   Buck and Synchronous-Rectifier (PWM) Controller and Output Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com