Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM39F010-55JCE Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM39F010-55JCE
Description  1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM39F010-55JCE Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM39F010-55JCE Datasheet HTML 1Page - PMC-Sierra, Inc PM39F010-55JCE Datasheet HTML 2Page - PMC-Sierra, Inc PM39F010-55JCE Datasheet HTML 3Page - PMC-Sierra, Inc PM39F010-55JCE Datasheet HTML 4Page - PMC-Sierra, Inc PM39F010-55JCE Datasheet HTML 5Page - PMC-Sierra, Inc PM39F010-55JCE Datasheet HTML 6Page - PMC-Sierra, Inc PM39F010-55JCE Datasheet HTML 7Page - PMC-Sierra, Inc PM39F010-55JCE Datasheet HTML 8Page - PMC-Sierra, Inc PM39F010-55JCE Datasheet HTML 9Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
FEATURES
• Single Power Supply Operation
- Low voltage range: 4.5 V - 5.5 V
• Memory Organization
- Pm39F010: 128K x 8 (1 Mbit)
- Pm39F020: 256K x 8 (2 Mbit)
- Pm39F040: 512K x 8 (4 Mbit)
• High Performance Read
- 55/70 ns access time
• Cost Effective Sector/Block Architecture
- Uniform 4 Kbyte sectors
- Uniform 64 Kbyte blocks (sector-group)
• Data# Polling and Toggle Bit Features
• Hardware Data Protection
• Automatic Erase and Byte Program
- Typical 16 µs/byte programming time
- Typical 55 ms sector/block/chip erase time
• Low Power Consumption
- Typical 8 mA active read current
- Typical 9 mA program/erase current
- Typical 0.5 µA CMOS standby current
• High Product Endurance
- Guarantee 100,000 program/erase cycles per
single sector (preliminary)
- Minimum 20 years data retention
• Industrial Standard Pin-out and Packaging
- 32-pin Plastic DIP
- 32-pin PLCC
- 32-pin VSOP (TSOP 8mm x 14mm)
- Optional lead-free (Pb-free) packages
GENERAL DESCRIPTION
The Pm39F010/020/040 are 1 Mbit/2 Mbit/4 Mbit 5.0 Volt-only Flash Memories. These devices are designed to use
a single low voltage, range from 4.5 Volt to 5.5 Volt, power supply to perform read, erase and program operations.
The 12.0 Volt V
PP power supply for program and erase operations are not required. The devices can be programmed
in standard EPROM programmers as well.
The memory arrays of Pm39F010/020/040 are divided into uniform 4 Kbyte sectors or uniform 64 Kbyte blocks
(sector group - consists of sixteen adjacent sectors). The sector or block erase feature allows users to flexibly
erase an memory area as small as 4 Kbyte or as large as 64 Kbyte by one single erase operation without affecting
the data in others. The chip erase feature allows the whole memory array to be erased in one single erase opera-
tion. The devices can be programmed on a byte-by-byte basis after performing the erase operation.
The devices have a standard microprocessor interface as well as a JEDEC standard pin-out/command set. The
program operation is executed by issuing the program command code into command register. The internal control
logic automatically handles the programming voltage ramp-up and timing. The erase operation is executed by
issuing the chip erase, block, or sector erase command code into command register. The internal control logic
automatically handles the erase voltage ramp-up and timing. The preprogramming on the array which has not been
programmed is not required before an erase operation. The devices offer Data# Polling and Toggle Bit functions, the
progress or completion of program and erase operations can be detected by reading the Data# Polling on I/O7 or
the Toggle Bit on I/O6.
The Pm39F010/020/040 are manufactured on PMC’s advanced nonvolatile CMOS technology, P-FLASH™. The
devices are offered in 32-pin PDIP, PLCC and VSOP packages with access time of 55 and 70 ns.
PMC
1 Mbit / 2 Mbit / 4 Mbit 5 Volt-only CMOS Flash Memory
Programmable Microelectronics Corp.
Issue Date: March 2004, Rev:1.3
Pm39F010 / Pm39F020 / Pm39F040
1


Similar Part No. - PM39F010-55JCE

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
PM390 ARTESYN-PM390 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390CE ARTESYN-PM390CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM390K ARTESYN-PM390K Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391 ARTESYN-PM391 Datasheet
39Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
PM391CE ARTESYN-PM391CE Datasheet
46Kb / 2P
   Single, dual and triple output 2.5 to 15 Watt AC/DC encapsulated modules
More results

Similar Description - PM39F010-55JCE

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM49FL002 PMC-PM49FL002 Datasheet
208Kb / 46P
   2 Mbit / 4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Silicon Storage Technol...
SST39SF010A SST-SST39SF010A Datasheet
271Kb / 22P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF010A SST-SST39SF010A_04 Datasheet
379Kb / 24P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
logo
Microchip Technology
SST39LF010 MICROCHIP-SST39LF010 Datasheet
267Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
Revision B / June 2013
SST39SF010A MICROCHIP-SST39SF010A_16 Datasheet
227Kb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
04/16
SST39SF040A MICROCHIP-SST39SF040A Datasheet
3Mb / 29P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2002-2016
SST39SF010A MICROCHIP-SST39SF010A Datasheet
273Kb / 28P
   1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
2013 04/13
logo
AMIC Technology
A49LF004 AMICC-A49LF004 Datasheet
595Kb / 10P
   4 Mbit CMOS 3.3Volt-only Firmware Hub Flash Memory
logo
Integrated Silicon Solu...
IS49FL004T ISSI-IS49FL004T Datasheet
1Mb / 45P
   4 Mbit 3.3 Volt-only Firmware Hub/LPC Flash Memory
logo
Elite Semiconductor Mem...
F25L04UA ESMT-F25L04UA Datasheet
276Kb / 25P
   3V Only 4 Mbit Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com