Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PM29F002B-55JC Datasheet(PDF) 20 Page - PMC-Sierra, Inc

Part No. PM29F002B-55JC
Description  2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM29F002B-55JC Datasheet(HTML) 20 Page - PMC-Sierra, Inc

Back Button PM29F002B-55JC Datasheet HTML 13Page - PMC-Sierra, Inc PM29F002B-55JC Datasheet HTML 14Page - PMC-Sierra, Inc PM29F002B-55JC Datasheet HTML 15Page - PMC-Sierra, Inc PM29F002B-55JC Datasheet HTML 16Page - PMC-Sierra, Inc PM29F002B-55JC Datasheet HTML 17Page - PMC-Sierra, Inc PM29F002B-55JC Datasheet HTML 18Page - PMC-Sierra, Inc PM29F002B-55JC Datasheet HTML 19Page - PMC-Sierra, Inc PM29F002B-55JC Datasheet HTML 20Page - PMC-Sierra, Inc PM29F002B-55JC Datasheet HTML 21Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
Programmable Microelectronics Corp.
Issue Date: March, 2001 Rev: 1.0
PMC
Pm29F002
32P
32-Pin Plastic DIP Dimensions in Inches (Millimeters)
32J
32-Pin Plastic Leaded Chip Carrier Dimensions in Inches (Millimeters)
20
PACKAGE TYPE INFORMATION
SEATING PLANE
.120(3.05)
.160(4.07)
.090(2.29)
.110(2.79)
.014(.36)
.022(.56)
.015(.38) MIN
.146(3.71)
.162(4.11)
TOP VIEW
SIDE VIEW
.600(15.24)
.625(15.88)
.008(0.20)
.013(0.33)
10°
.625(15.88)
.665(16.89)
1.640(41.7)
1.680(42.7)
17
32
16
Pin 1 I.D.
.537(13.64)
.557(14.05)
.040(1.02)
.065(1.65)
.005(.127)
MIN
Pin 1 I.D.
.585(14.86)
.595(15.11)
.547(13.89)
.553(14.05)
.050 REF.
.026(.66)
.032(.81)
.447(11.35)
.453(11.51)
.485(12.32)
.495(12.51)
025(.635)X30 °
.400
REF.
.510(12.95)
.530(13.46)
.013(.33)
.021(.53)
.009
.015
.076(1.93)
.095(2.41)
.123(3.12)
.140(3.56)
SEATING
PLANE


Similar Part No. - PM29F002B-55JC

ManufacturerPart No.DatasheetDescription
PMC-Sierra, Inc
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70JC PMC-PM29F004B-70JC Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-70PC PMC-PM29F004B-70PC Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90JC PMC-PM29F004B-90JC Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
PM29F004B-90PC PMC-PM29F004B-90PC Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
More results

Similar Description - PM29F002B-55JC

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
Hynix Semiconductor
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
PMC-Sierra, Inc
PMC-Sierra, Inc
PM29F004 PMC-PM29F004 Datasheet
82Kb / 21P
   4 Megabit (512K X 8) 5.0 Volt-Only CMOS Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz