Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LW3333 Datasheet(PDF) 6 Page - OSRAM GmbH

Part No. LW3333
Description  Hyper 3 mm (T1) LED, Non Diffused Hyper-Bright LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LW3333 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LW3333 Datasheet HTML 2Page - OSRAM GmbH LW3333 Datasheet HTML 3Page - OSRAM GmbH LW3333 Datasheet HTML 4Page - OSRAM GmbH LW3333 Datasheet HTML 5Page - OSRAM GmbH LW3333 Datasheet HTML 6Page - OSRAM GmbH LW3333 Datasheet HTML 7Page - OSRAM GmbH LW3333 Datasheet HTML 8Page - OSRAM GmbH LW3333 Datasheet HTML 9Page - OSRAM GmbH LW3333 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2001-10-02
6
LW 3333
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von
± 11% ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and a tolerance of
± 11%
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtstärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
Φ
V (mlm)
S2
T1
T2
U1
U2
V1
224 ... 280
280 ... 355
355 ... 450
450 ... 560
560 ... 710
710 ... 900
300 (typ.)
380 (typ.)
480 (typ.)
600 (typ.)
760 (typ.)
950 (typ.)
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: U2-3
Example: U2-3
Lichtgruppe
Luminous Intensity Group
Halbgruppe
Half Group
Farbortgruppe
Chromaticity coordinate group
U2
3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
LSK376 Hyper ARGUS LED Hyper-Bright 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LS3336 Hyper 3 mm T1 LED Non Diffused Hyper-Bright LED 1  2  3  4  5  More Siemens Semiconductor Group
LHK376 Hyper ARGUS LED Hyper-Bright 3 mm T1 TS GaAIAs LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LS5436 Hyper 5 mm T1 LED Non Diffused Hyper-Bright LED 1  2  3  4  5  More Siemens Semiconductor Group
LS3366 Hyper 3 mm T1 LED Diffused Hyper-Bright LED 1  2  3  4  5  More Siemens Semiconductor Group
LS3386 Hyper 3 mm T1 LED Diffused Hyper-Bright Wide-Angle LED 1  2  3  4  5  More Siemens Semiconductor Group
TLW.8600 clear non diffused LED 1  2  3  4  5  More Texas Instruments
LSGK370 Multi ARGUS LED 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSGK372 Super Multi ARGUS LED High-Current 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group
LSK380 ARGUS LED 3 mm T1 LED Non Diffused 1  2  3  4  5  More Siemens Semiconductor Group

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn