Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TC7WZ05FK Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part No. TC7WZ05FK
Description  Triple Inverter (open drain)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7WZ05FK Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7WZ05FK Datasheet HTML 1Page - Toshiba Semiconductor TC7WZ05FK Datasheet HTML 2Page - Toshiba Semiconductor TC7WZ05FK Datasheet HTML 3Page - Toshiba Semiconductor TC7WZ05FK Datasheet HTML 4Page - Toshiba Semiconductor TC7WZ05FK Datasheet HTML 5Page - Toshiba Semiconductor TC7WZ05FK Datasheet HTML 6Page - Toshiba Semiconductor TC7WZ05FK Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TC7WZ05FU/FK
2002-01-16
4
AC Characteristics (unless otherwise specified, Input: tr
==== tf ==== 3 ns)
Ta
= 25°C
Ta
= -40~85°C
Characteristics
Symbol
Test Condition
VCC (V)
Min
Typ.
Max
Min
Max
Unit
1.8
± 0.15
1.8
5.5
9.5
1.8
10.5
2.5
± 0.2
1.2
3.7
5.8
1.2
6.4
3.3
± 0.3
0.8
2.9
4.4
0.8
4.8
tpZL
CL = 50 pF, RL = 500 W
5.0
± 0.5
0.5
2.3
3.5
0.5
3.9
1.8
± 0.15
1.8
4.3
9.5
1.8
10.5
2.5
± 0.2
1.2
2.8
5.8
1.2
6.4
3.3
± 0.3
0.8
2.1
4.4
0.8
4.8
Propagation delay time
tpLZ
CL = 50 pF, RL = 500 W
5.0
± 0.5
0.5
1.4
3.5
0.5
3.9
ns
Input capacitance
CIN
¾
0~5.5
¾
3.0
¾
¾
¾
pF
Output capacitance
COUT
¾
0~5.5
¾
3.0
¾
¾
¾
pF
3.3
¾
5.2
¾
¾
¾
Power dissipation
capacitance
CPD
(Note)
5.5
¾
8.5
¾
¾
¾
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/3
Test Circuit
AC Waveform
Output
VCC ´ 2
RL
CL
RL
Measure
Input
90%
tr 3 ns
50%
10%
50%
VCC
GND
50%
tpZL
VOL + 0.3 V
tpLZ
Output
VOH
VOL
tf 3 ns


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NL37WZ06 Triple Inverter with Open Drain Outputs 1  2  3  4  5  More ON Semiconductor
SN74LVC3G06 TRIPLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUTS 1  2  3  4  5  More Texas Instruments
74LCX05 LOW VOLTAGE CMOS HEX INVERTER OPEN DRAIN WITH 5V TOLERANT INPUTS 1  2  3  4  5  More STMicroelectronics
74AC05 Hex Inverter with Open Drain Outputs 1  2  3  4  Fairchild Semiconductor
NC7SV05 TinyLogic ULP-A Inverter Open Drain Output 1  2  3  4  5  More Fairchild Semiconductor
ACS05MS Radiation Hardened Hex Inverter with Open Drain Outputs 1  2  Intersil Corporation
74V2G07 TRIPLE BUFFER OPEN DRAIN 1  2  3  4  5  More STMicroelectronics
74LX1G05 SINGLE INVERTER OPEN DRAIN 1  2  3  4  5  More STMicroelectronics
MC74LCX05 LOW-VOLTAGE CMOS HEX INVERTER OPEN DRAIN 1  2  3  4  Motorola, Inc
M74HC05 HEX INVERTER OPEN DRAIN 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn