Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP32DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP32DR2
Description  첨2 Divider
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP32DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP32DR2 Datasheet HTML 1Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 2Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP32DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
December, 1999 – Rev. 1
1
Publication Order Number:
MC10EP32/D
MC10EP32
B2 Divider
The MC10EP32 is an integrated
B2 divider. The differential clock
inputs and the VBB allow a differential, single–ended or AC coupled
interface to the device. If used, the VBB output should be bypassed to
ground with a 0.01
µF capacitor.
The reset pin is asynchronous and is asserted on the rising edge.
Upon power–up, the internal flip–flops will attain a random state; the
reset allows for the synchronization of multiple EP32’s in a system.
250ps Typical Propagation Delay
3 GHz Typical Toggle Frequency
PECL mode: 3.0V to 5.5V VCC with VEE = 0V
ECL mode: 0V VCC with VEE = –3.0V to –5.5V
Internal Input Resistors: Pulldown on D, D
Q Output will default LOW with inputs open or at VEE
ESD Protection: >4KV HBM, >200V MM
VBB Output
New Differential Input Common Mode Range
Moisture Sensitivity Level 1, Indefinite Time Out of Drypack
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 78 devices
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. 8–Lead Pinout (Top View) and Logic Diagram
CLK
Q
CLK
VBB
RESET
R
B2
SO–8
D SUFFIX
CASE 751
PIN DESCRIPTION
PIN
CLK, CLK
Reset
ECL Asynchronous Reset
FUNCTION
ECL Clock Inputs
http://onsemi.com
TRUTH TABLE
CLK
X
Z
CLK
X
Z
RESET
Z
L
Q
L
F
Q
H
F
Z = LOW to HIGH Transition
Z = HIGH to LOW Transition
F = Divide by 2 Function
VBB
Reference Voltage Output
Q, Q
ECL Data Outputs
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
MC10EP32D
SOIC
98 Units/Rail
MC10EP32DR2
SOIC
2500 Tape & Reel
VCC
VEE
Negative, 0 Supply
Positive Supply
ALYW
HEP32
1
8
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
*For additional information, see Application Note
AND8002/D
1
8


Similar Part No. - MC10EP32DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP32DR2 ONSEMI-MC10EP32DR2 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC10EP32DR2 ONSEMI-MC10EP32DR2 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DR2G ONSEMI-MC10EP32DR2G Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC10EP32DR2G ONSEMI-MC10EP32DR2G Datasheet
197Kb / 11P
   Divider
July, 2016 ??Rev. 12
More results

Similar Description - MC10EP32DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
MC100LVEL32 ONSEMI-MC100LVEL32 Datasheet
58Kb / 4P
   첨2 Divider
April, 2000 ??Rev. 1
MC10EL32 ONSEMI-MC10EL32_08 Datasheet
152Kb / 9P
   5V ECL 첨2 Divider
December, 2008 ??Rev. 8
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
logo
Mitel Networks Corporat...
SP8902 MITEL-SP8902 Datasheet
95Kb / 6P
   5GHZ 첨2 Fixed Modulus Divider
logo
ON Semiconductor
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
NB7V32M ONSEMI-NB7V32M Datasheet
164Kb / 9P
   1.8V / 2.5V, 10GHz 첨2 Clock Divider with CML Outputs
November, 2009 ??Rev. 4
NB7L32M ONSEMI-NB7L32M Datasheet
179Kb / 11P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
November, 2005 ??Rev. 0
NB7L32M ONSEMI-NB7L32M_12 Datasheet
189Kb / 10P
   2.5V/3.3V, 14GHz 첨2 Clock Divider w/CML Output and Internal Termination
January, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com