Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPC2141 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # LPC2141
Description  Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2141 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button LPC2141 Datasheet HTML 19Page - NXP Semiconductors LPC2141 Datasheet HTML 20Page - NXP Semiconductors LPC2141 Datasheet HTML 21Page - NXP Semiconductors LPC2141 Datasheet HTML 22Page - NXP Semiconductors LPC2141 Datasheet HTML 23Page - NXP Semiconductors LPC2141 Datasheet HTML 24Page - NXP Semiconductors LPC2141 Datasheet HTML 25Page - NXP Semiconductors LPC2141 Datasheet HTML 26Page - NXP Semiconductors LPC2141 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
9397 750 14985
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 3 October 2005
23 of 38
Philips Semiconductors
LPC2141/42/44/46/48
Single-chip 16-bit/32-bit microcontrollers
6.19.8 Power control
The LPC2141/42/44/46/48 supports two reduced power modes: Idle mode and
Power-down mode.
In Idle mode, execution of instructions is suspended until either a reset or interrupt occurs.
Peripheral functions continue operation during Idle mode and may generate interrupts to
cause the processor to resume execution. Idle mode eliminates power used by the
processor itself, memory systems and related controllers, and internal buses.
In Power-down mode, the oscillator is shut down and the chip receives no internal clocks.
The processor state and registers, peripheral registers, and internal SRAM values are
preserved throughout Power-down mode and the logic levels of chip output pins remain
static. The Power-down mode can be terminated and normal operation resumed by either
a reset or certain specific interrupts that are able to function without clocks. Since all
dynamic operation of the chip is suspended, Power-down mode reduces chip power
consumption to nearly zero.
Selecting an external 32 kHz clock instead of the PCLK as a clock-source for the on-chip
RTC will enable the microcontroller to have the RTC active during Power-down mode.
Power-down current is increased with RTC active. However, it is significantly lower than in
Idle mode.
A Power Control for Peripherals feature allows individual peripherals to be turned off if
they are not needed in the application, resulting in additional power savings during active
and Idle mode.
6.19.9 VPB bus
The VPB divider determines the relationship between the processor clock (CCLK) and the
clock used by peripheral devices (PCLK). The VPB divider serves two purposes. The first
is to provide peripherals with the desired PCLK via VPB bus so that they can operate at
the speed chosen for the ARM processor. In order to achieve this, the VPB bus may be
slowed down to 1
2 to
1
4 of the processor clock rate. Because the VPB bus must work
properly at power-up (and its timing cannot be altered if it does not work since the VPB
divider control registers reside on the VPB bus), the default condition at reset is for the
VPB bus to run at 1
4 of the processor clock rate. The second purpose of the VPB divider
is to allow power savings when an application does not require any peripherals to run at
the full processor rate. Because the VPB divider is connected to the PLL output, the PLL
remains active (if it was running) during Idle mode.
6.20 Emulation and debugging
The LPC2141/42/44/46/48 support emulation and debugging via a JTAG serial port. A
trace port allows tracing program execution. Debugging and trace functions are
multiplexed only with GPIOs on Port 1. This means that all communication, timer and
interface peripherals residing on Port 0 are available during the development and
debugging phase as they are when the application is run in the embedded system itself.
6.20.1 EmbeddedICE
Standard ARM EmbeddedICE logic provides on-chip debug support. The debugging of
the target system requires a host computer running the debugger software and an
EmbeddedICE protocol convertor. EmbeddedICE protocol convertor converts the remote
debug protocol commands to the JTAG data needed to access the ARM core.


Similar Part No. - LPC2141

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2141 NXP-LPC2141 Datasheet
189Kb / 39P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 03-19 October 2007
LPC2141 NXP-LPC2141 Datasheet
192Kb / 40P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 04-17 November 2008
LPC2141 NXP-LPC2141 Datasheet
258Kb / 2P
   ARM7-based microcontrollers with full-speed USB 2.0
January 2007
LPC2141 NXP-LPC2141 Datasheet
4Mb / 12P
   NXP Microcontrollers Selection Guide
November 2012
LPC2141 NXP-LPC2141 Datasheet
413Kb / 45P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
More results

Similar Description - LPC2141

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC2141 PHILIPS-LPC2141_15 Datasheet
413Kb / 45P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
LPC2141 NXP-LPC2141_08 Datasheet
192Kb / 40P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 04-17 November 2008
LPC2141 NXP-LPC2141 Datasheet
189Kb / 39P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 03-19 October 2007
LPC2141FBD64-S NXP-LPC2141FBD64-S Datasheet
413Kb / 45P
   Single-chip 16-bit/32-bit ocontrollers; up to 512 kB flash with ISP/IAP, USB 2.0 full-speed device, 10-bit ADC and DAC
Rev. 5-12 August 2011
LPC2364 NXP-LPC2364 Datasheet
225Kb / 47P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 02-1 October 2007
LPC2364 PHILIPS-LPC2364 Datasheet
1Mb / 48P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-22 September 2006
LPC2364 NXP-LPC2364_10 Datasheet
983Kb / 59P
   Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 06-1 February 2010
LPC2378 PHILIPS-LPC2378 Datasheet
253Kb / 54P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 01-6 December 2006
LPC2377 NXP-LPC2377_V01 Datasheet
351Kb / 69P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev. 6.1??6 October 2013
LPC2387 NXP-LPC2387 Datasheet
1Mb / 47P
   Single-chip 16-bit/32-bit microcontrollers; 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC
Rev.01.00-6 November 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com