Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM53632004CKG Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KMM53632004CKG
Description  32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM53632004CKG Datasheet(HTML) 5 Page - Samsung semiconductor

  KMM53632004CKG Datasheet HTML 1Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 2Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 3Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 4Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 5Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 6Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 7Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 8Page - Samsung semiconductor KMM53632004CKG Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
DRAM MODULE
KMM53632004CK/CKG
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In ICC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one EDO mode cycle time,
tHPC.
* NOTE :
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for intended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
Voltage on VCC supply relative to VSS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
Pd
IOS
-1 to +7.0
-1 to +7.0
-55 to +125
24
50
V
V
°C
W
mA
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70
°C )
*1 : VCC+2.0V at pulse width
≤20ns, which is measured at VCC.
*2 : -2.0V at pulse width
≤20ns, whcih is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
4.5
0
2.4
-1.0
*2
5.0
0
-
-
5.5
0
VCC*1
0.8
V
V
V
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1
ICC2
ICC3
ICC4
ICC5
ICC6
I(IL)
I(OL)
VOH
VOL
Symbol
Speed
KMM53632004CK/CKG
Unit
Min
Max
ICC1
-5
-6
-
-
1344
1224
mA
mA
ICC2
Don
′t care
-
48
mA
ICC3
-5
-6
-
-
1344
1224
mA
mA
ICC4
-5
-6
-
-
1224
1104
mA
mA
ICC5
Don
′t care
-
24
mA
ICC6
-5
-6
-
-
1344
1224
mA
mA
II(L)
IO(L)
Don
′t care
-10
-10
10
10
uA
uA
VOH
VOL
Don
′t care
2.4
-
-
0.4
V
V
: Operating Current * (RAS, CAS, Address cycling @
tRC=min)
: Standby Current (RAS=CAS=W=VIH)
: RAS Only Refresh Current * (CAS=VIH, RAS cycling @
tRC=min)
: Hyper Page Mode Current * (RAS=VIL, CAS cycling :
tHPC=min)
: Standby Current (RAS=CAS=W=Vcc-0.2V)
: CAS-Before-RAS Refresh Current * (RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.5V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (IOH = -5mA)
: Output Low Voltage Level (IOL = 4.2mA)


Similar Part No. - KMM53632004CKG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53632004BK SAMSUNG-KMM53632004BK Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53632004BKG SAMSUNG-KMM53632004BKG Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
More results

Similar Description - KMM53632004CKG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM53632000CK SAMSUNG-KMM53632000CK Datasheet
428Kb / 20P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632000BK SAMSUNG-KMM53632000BK Datasheet
389Kb / 18P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53632004BK SAMSUNG-KMM53632004BK Datasheet
434Kb / 19P
   32M x 36 DRAM SIMM Using 16Mx4 & 16Mx1 4K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616004CK SAMSUNG-KMM53616004CK Datasheet
453Kb / 21P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616000CK SAMSUNG-KMM53616000CK Datasheet
410Kb / 20P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53616004BK SAMSUNG-KMM53616004BK Datasheet
415Kb / 19P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
KMM53232004CK SAMSUNG-KMM53232004CK Datasheet
459Kb / 21P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232004BK SAMSUNG-KMM53232004BK Datasheet
420Kb / 19P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
KMM53232000CK SAMSUNG-KMM53232000CK Datasheet
412Kb / 20P
   32M x 32 DRAM SIMM Using 16Mx4, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com