Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TERM-25W-183S+ Datasheet(PDF) 2 Page - Mini-Circuits

Part # TERM-25W-183S+
Description  Termination
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TERM-25W-183S+ Datasheet(HTML) 2 Page - Mini-Circuits

  TERM-25W-183S+ Datasheet HTML 1Page - Mini-Circuits TERM-25W-183S+ Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Typical Performance Data
Maximum Ratings
Termination SMA-Male
REV. OR
M173239
TERM-25W-183S+
WIL/CP/AM
190313
CASE STYLE: LL2798-1
Connector
Model
SMA Male
TERM-25W-183S+
Frequency
(MHz)
Return Loss
(dB)
TERM-25W-183S+
50Ω
25W
DC to 18 GHz
Permanent damage may occur if any of these limits are exceeded.
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Unit
Frequency Range
DC
18
GHz
Impedance
50
Ohms
Return Loss
DC - 6
20.8
34
dB
6 - 12.4
17.7
30
12.4 - 18
15.5
26
Input Power1
DC - 18
25
W
20
25
30
35
40
0
3600
7200
10800
14400
18000
FREQUENCY (MHz)
TERM-25W-183S+
RETURN LOSS
1. At 25°C, derate linearly to 10W at 100°C.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Features
• Cellular communications
• Satellite communications
• Test set-up
• Defense and Radar
• Wideband coverage, DC to 18 GHz
• Return loss,26 dB typ. up to 18 GHz
• SMA male connector
Applications
10
30.71
600
31.47
1000
33.22
2000
31.54
3000
30.00
4000
32.45
5000
31.51
6000
25.31
8000
27.73
10000
29.94
12000
24.06
12400
24.18
14000
20.70
16000
28.39
18000
29.18
High Power
Weight: 409 grams (max.)
Outline Dimensions
inches (mm)


Similar Part No. - TERM-25W-183S+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TERM-25W-183N MINI-TERM-25W-183N Datasheet
276Kb / 2P
   Termination
TERM-25W-183N++ MINI-TERM-25W-183N+ Datasheet
276Kb / 2P
   Termination
More results

Similar Description - TERM-25W-183S+

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50T-378 JFW-50T-378 Datasheet
25Kb / 1P
   TERMINATION
50T-014 JFW-50T-014 Datasheet
24Kb / 1P
   TERMINATION
50T-300 JFW-50T-300 Datasheet
25Kb / 1P
   TERMINATION
50T-317 JFW-50T-317 Datasheet
26Kb / 1P
   TERMINATION
logo
Rosenberger Hochfrequen...
64K17R-001S3 ROSENBERGER-64K17R-001S3 Datasheet
531Kb / 2P
   Termination
18K15R-0-5E3 ROSENBERGER-18K15R-0-5E3 Datasheet
512Kb / 2P
   Termination
logo
Mini-Circuits
ANNE-50E MINI-ANNE-50E Datasheet
178Kb / 2P
   Termination
ANNE-50V MINI-ANNE-50V Datasheet
196Kb / 2P
   Termination
logo
JFW Industries, Inc.
50T-549 JFW-50T-549 Datasheet
26Kb / 1P
   TERMINATION
50T-552 JFW-50T-552 Datasheet
25Kb / 1P
   TERMINATION
50T-001 JFW-50T-001_11 Datasheet
65Kb / 1P
   TERMINATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com