Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMNMD-24MNMD Datasheet(PDF) 2 Page - Mini-Circuits

Part # KMNMD-24MNMD
Description  Adapter 2.92mm NMD-M to 2.4mm-NMD-M
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KMNMD-24MNMD Datasheet(HTML) 2 Page - Mini-Circuits

  KMNMD-24MNMD Datasheet HTML 1Page - Mini-Circuits KMNMD-24MNMD Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 2 of 2
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
KMNMD-24MNMD+
50Ω
DC to 40 GHz
Adapter 2.92mmNMD-Mto2.4mm-NMD-M
REV. OR
M176040
KMNMD-24MNMD+
BK/RS/CP
190821
Coaxial
Features
• flat response
• excellent VSWR, 1.06:1 typ. up to 40 GHz
• low cost adapters, available from stock
• stainless steel body, passivated
Applications
• interconnection of RF cable and equipment
Outline Drawing
CASE STYLE: DJ2931-3
Frequency
(GHz)
Insertion Loss
(dB)
VSWR
(:1)
2.92mm NMD-M
2.4 mm NMD-M
0.00
0.05
0.10
0.15
0.20
0.25
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
KMNMD-24MNMD+
INSERTION LOSS
1.00
1.04
1.08
1.12
1.16
1.20
0
8000
16000
24000
32000
40000
FREQUENCY (MHz)
KMNMD-24MNMD+
VSWR
2.92mm NMD-M
2.4mm NMD-M
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Electrical Specifications at 25°C
Parameter
Condition (GHz)
Min.
Typ.
Max.
Units
Frequency Range
DC
40
GHz
Insertion Loss
DC - 40
0.06
dB
VSWR
DC - 40
1.06
1.2
:1
10
0.004
1.02
1.01
100
0.007
1.00
1.00
1000
0.012
1.01
1.01
2000
0.019
1.02
1.02
8000
0.045
1.05
1.04
10000
0.049
1.04
1.03
12000
0.054
1.06
1.06
14000
0.058
1.03
1.01
18000
0.075
1.01
1.02
20000
0.068
1.03
1.04
24000
0.077
1.14
1.15
26000
0.096
1.10
1.10
28000
0.120
1.01
1.05
30000
0.098
1.02
1.02
32000
0.096
1.11
1.10
34000
0.138
1.07
1.12
38000
0.113
1.10
1.06
40000
0.110
1.07
1.06
Permanent damage may occur if any of these limits are exceeded.
Connectors
Model
2.92mm NMD-M to 2.4mm-NMD-M KMNMD-24MNMD+


Similar Description - KMNMD-24MNMD

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KFNMD-KMNMD MINI-KFNMD-KMNMD Datasheet
189Kb / 2P
   Adapter 2.92mm NMD-M to 2.92mm-NMD-F
KFNMD-KM MINI-KFNMD-KM Datasheet
259Kb / 2P
   Adapter 2.92mm NMD-F to 2.92mm-M
REV. OR
logo
Pasternack Enterprises,...
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
   Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE91145 PASTERNACK-PE91145 Datasheet
359Kb / 3P
   Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
PE91148 PASTERNACK-PE91148 Datasheet
361Kb / 3P
   Ruggedized 3.5mm NMD Female to 2.4mm Female Adapter
PE91146 PASTERNACK-PE91146 Datasheet
345Kb / 3P
   Ruggedized 2.4mm NMD Female to SMA Female Adapter
PE91147 PASTERNACK-PE91147 Datasheet
346Kb / 3P
   Ruggedized 3.5mm NMD Female to SMA Female Adapter
logo
Winchester Electronics ...
TRU-11233-RA WINCHESTER-TRU-11233-RA Datasheet
29Kb / 1P
   2.92mm(m) to 2.92mm(m) R/A ADAPTER
TRU-11233 WINCHESTER-TRU-11233 Datasheet
67Kb / 1P
   CONNECTOR,COAXIAL 2.92MM(M) TO 2.92MM(M) ADAPTER
TRU-11223-RA WINCHESTER-TRU-11223-RA Datasheet
31Kb / 1P
   2.92mm(f) to 2.92mm(m) R/A ADAPTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com