Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA08-11SRWA Datasheet(PDF) 4 Page - Kingbright Corporation

Part # DA08-11SRWA
Description  20.3mm(0.8INCH) DUAL DIGIT NUMERIC DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

DA08-11SRWA Datasheet(HTML) 4 Page - Kingbright Corporation

  DA08-11SRWA Datasheet HTML 1Page - Kingbright Corporation DA08-11SRWA Datasheet HTML 2Page - Kingbright Corporation DA08-11SRWA Datasheet HTML 3Page - Kingbright Corporation DA08-11SRWA Datasheet HTML 4Page - Kingbright Corporation DA08-11SRWA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SPEC NO: CDA0864
REV NO: V.1
DATE: NOV/18/2001
PAGE: 4 OF 5
APPROVED:J.LU
CHECKED:
DRAWN: Y.F.XU
Green
Yellow


Similar Part No. - DA08-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DA08-11SRWA KINGBRIGHT-DA08-11SRWA Datasheet
153Kb / 4P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
More results

Similar Description - DA08-11SRWA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
DA08-11YWA KINGBRIGHT-DA08-11YWA Datasheet
154Kb / 4P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
DC08-11GWA KINGBRIGHT-DC08-11GWA Datasheet
155Kb / 4P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
DA08-11CGKWA KINGBRIGHT-DA08-11CGKWA Datasheet
344Kb / 6P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
DC08-11SRWA KINGBRIGHT-DC08-11SRWA Datasheet
154Kb / 4P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
DC08-11YWA KINGBRIGHT-DC08-11YWA Datasheet
155Kb / 4P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
DC08-11CGKWA KINGBRIGHT-DC08-11CGKWA Datasheet
344Kb / 6P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
DC08-11SYKWA KINGBRIGHT-DC08-11SYKWA Datasheet
343Kb / 6P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
DA08-11SRWA KINGBRIGHT-DA08-11SRWA Datasheet
153Kb / 4P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
DA08-11SURKWA KINGBRIGHT-DA08-11SURKWA Datasheet
345Kb / 6P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
DA08-11SYKWA KINGBRIGHT-DA08-11SYKWA Datasheet
343Kb / 6P
   20.3mm (0.8INCH) DUAL DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com