Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DHIP182USD06J Datasheet(PDF) 2 Page - Belden Inc.

Part # DHIP182USD06J
Description  Indoor Digital Electricity Hybrid Cable, OS2, 6 Distribution Fibers, #18-2pr, CMP-OF
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

DHIP182USD06J Datasheet(HTML) 2 Page - Belden Inc.

  DHIP182USD06J Datasheet HTML 1Page - Belden Inc. DHIP182USD06J Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cable Max. Tensile Strength Operation (Long Term)
40 N (180 lbf)
Temperature Range
Operating Temp Range:
0°C to +70°C
Installation Temp Range:
0°C to +60°C
Storage Temp Range:
-40°C to +70°C
Standards
UL Rating/Flame Test:
Plenum
NEC/(UL) Specification:
CMP-OF
Telecommunications Standards:
ICEA S-120-742
REACH:
Complies
RoHS:
Complies
History
Update and Revision:
Revision Number: 0.19 Revision Date: 09-25-2019
© 2019 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.


Similar Part No. - DHIP182USD06J

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DHIP182USB02C BELDEN-DHIP182USB02C Datasheet
222Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OS2, 2 Breakout Fibers, #18-2pr, CMP-OF
More results

Similar Description - DHIP182USD06J

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
DHIP162USD06J BELDEN-DHIP162USD06J Datasheet
219Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OS2, 6 Distribution Fibers, #16-2pr, CMP-OF
DHIP182U3D06J BELDEN-DHIP182U3D06J Datasheet
221Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OM3, 6 Distribution Fibers, #18-2pr, CMP-OF
DHIP182U4D06J BELDEN-DHIP182U4D06J Datasheet
221Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OM4, 6 Distribution Fibers, #18-2pr, CMP-OF
DHIP182USB02C BELDEN-DHIP182USB02C Datasheet
222Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OS2, 2 Breakout Fibers, #18-2pr, CMP-OF
DHIP162U3D06J BELDEN-DHIP162U3D06J Datasheet
221Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OM3, 6 Distribution Fibers, #16-2pr, CMP-OF
DHIP162U4D06J BELDEN-DHIP162U4D06J Datasheet
221Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OM4, 6 Distribution Fibers, #16-2pr,CMP-OF
DHIP162USB02C BELDEN-DHIP162USB02C Datasheet
222Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OS2, 2 Breakout Fibers, #16-2pr,CMP-OF
DHIP182U3B02C BELDEN-DHIP182U3B02C Datasheet
221Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OM3, 2 Breakout Fibers, #18-2pr, CMP-OF
DHIP182U4B02C BELDEN-DHIP182U4B02C Datasheet
221Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OM4, 2 Breakout Fibers, #18-2pr, CMP-OF
DHIP162U4B02C BELDEN-DHIP162U4B02C Datasheet
221Kb / 2P
   Indoor Digital Electricity Hybrid Cable, OM4, 2 Breakout Fibers, #16-2pr, CMP-OF
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com