Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM5364105CK Datasheet(PDF) 5 Page - Samsung semiconductor

Part # KMM5364105CK
Description  4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5364105CK Datasheet(HTML) 5 Page - Samsung semiconductor

  KMM5364105CK Datasheet HTML 1Page - Samsung semiconductor KMM5364105CK Datasheet HTML 2Page - Samsung semiconductor KMM5364105CK Datasheet HTML 3Page - Samsung semiconductor KMM5364105CK Datasheet HTML 4Page - Samsung semiconductor KMM5364105CK Datasheet HTML 5Page - Samsung semiconductor KMM5364105CK Datasheet HTML 6Page - Samsung semiconductor KMM5364105CK Datasheet HTML 7Page - Samsung semiconductor KMM5364105CK Datasheet HTML 8Page - Samsung semiconductor KMM5364105CK Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DRAM MODULE
KMM5364105CK/CKG
KMM5364005CK/CKG
NOTES
An initial pause of 200us is required after power-up followed
by any 8 RAS-only or CAS-before-RAS refresh cycles before
proper device operation is achieved.
VIH(min) and VIL(max) are reference levels for measuring
timing of input signals. Transition times are measured
between VIH(min) and VIL(max) and are assumed to be 5ns
for all inputs.
Measured with a load equivalent to 2 TTL loads and 100pF.
Operation within the
tRCD(max) limit insures that tRAC(max)
can be met.
tRCD(max) is specified as a reference point only.
If
tRCD is greater than the specified tRCD(max) limit, then
access time is controlled exclusively by
tCAC.
Assumes that
tRCD
tRCD(max).
This parameter defines the time at which the output achieves
the open circuit condition and is not referenced to VOH or
VOL.
tWCS is non-restrictive operating parameter. It is included in
the
data
sheet
as
electrical
characteristics
only.
If
tWCS
tWCS(min), the cycle is an early write cycle and the data
out pin will remain high impedance for the duration of the
cycle.
Either
tRCH or tRRH must be satisfied for a read cycle.
These parameter are referenced to the CAS leading edge in
early write cycles and to the W leading edge in read-write
cycles.
Operation within the
tRAD(max) limit insures that tRAC(max)
can be met.
tRAD(max) is specified as reference point only. If
tRAD is greater than the specified tRAD(max) limit, then
access time is controlled by
tAA.
tCEZ(max), tREZ(max), tWEZ(max) and tOEZ(max) define the
time at which the output achieves the open circuit condition
and are not referenced to output voltage level.
If RAS goes to high before CAS high going, the open circuit
condtion of the output is achieved by CAS high going. If CAS
goes to high before RAS high going, the open circuit cond-
tion of the output is achieved by RAS high going.
tASC
tCP min
In order to hold the address latched by the first CAS going
low, the parameter
tCLCH must be met.
1.
2.
3.
4.
5.
6.
7.
8.
9.
10.
Test condition : Vih/Vil=2.4/0.8V, Voh/Vol=2.0/0.8V, Output loading CL=100pF
Parameter
Symbol
-5
-6
Unit
Note
Min
Max
Min
Max
CAS precharge time (C-B-R counter test
tCPT
20
20
ns
Access time from CAS precharge
tCPA
30
35
ns
3
Hyper page mode cycle time
tHPC
25
30
ns
13
CAS precharge time(Hyper page cycle)
tCP
8
10
ns
RAS pulse width(Hyper page cycle)
tRASP
50
200K
60
200K
ns
RAS hold time from CAS precharge
tRHCP
30
35
ns
W to RAS precharge time(C-B-R refresh)
tWRP
10
10
ns
W to RAS hold time(C-B-R refresh)
tWRH
10
10
ns
Output data hold time
tDOH
5
5
ns
Output buffer turn off delay from RAS
tREZ
3
13
3
15
ns
6,11,12
Output buffer turn off delay from W
tWEZ
3
13
3
15
ns
6,11
W to data delay
tWED
15
15
ns
W pulse width (Hyper Page Cycle)
tWPE
5
5
ns
Hold time CAS low to CAS high
tCLCH
5
5
ns
14
AC CHARACTERISTICS (0
°C≤TA≤70°C, VCC=5.0V±10%. See notes 1,2.)
11.
12.
13.
14.


Similar Part No. - KMM5364105CK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5364103CK SAMSUNG-KMM5364103CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5364103CKG SAMSUNG-KMM5364103CKG Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
More results

Similar Description - KMM5364105CK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5368003BSW SAMSUNG-KMM5368003BSW Datasheet
365Kb / 18P
   8M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328000CK SAMSUNG-KMM5328000CK Datasheet
271Kb / 15P
   8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM53616000BK SAMSUNG-KMM53616000BK Datasheet
371Kb / 18P
   16M x 36 DRAM SIMM Using 16Mx4 & 16Mx1, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com