Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DLPC900 Datasheet(PDF) 69 Page - Texas Instruments

Part # DLPC900
Description  DLPC900 Digital Controller for Advanced Light Control
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLPC900 Datasheet(HTML) 69 Page - Texas Instruments

Back Button DLPC900_V01 Datasheet HTML 65Page - Texas Instruments DLPC900_V01 Datasheet HTML 66Page - Texas Instruments DLPC900_V01 Datasheet HTML 67Page - Texas Instruments DLPC900_V01 Datasheet HTML 68Page - Texas Instruments DLPC900_V01 Datasheet HTML 69Page - Texas Instruments DLPC900_V01 Datasheet HTML 70Page - Texas Instruments DLPC900_V01 Datasheet HTML 71Page - Texas Instruments DLPC900_V01 Datasheet HTML 72Page - Texas Instruments DLPC900_V01 Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 83 page
background image
69
DLPC900
www.ti.com
DLPS037D – OCTOBER 2014 – REVISED MARCH 2019
Product Folder Links: DLPC900
Submit Documentation Feedback
Copyright © 2014–2019, Texas Instruments Incorporated
10.1.8 DMD Interface Considerations
High-speed interface waveform quality and timing on the DLPC900 controller (that is, the LVDS DMD interface)
is dependent on the following factors:
Total length of the interconnect system
Spacing between traces
Characteristic impedance
Etch losses
How well matched the lengths are across the interface
Thus, ensuring positive timing margin requires attention to many factors.
As an example, DMD interface system timing margin can be calculated as follows:
Setup Margin = (controller output setup) – (DMD input setup) – (PCB routing mismatch) – (PCB SI degradation)
(4)
Hold-time Margin = (controller output hold) – (DMD input hold) – (PCB routing mismatch) – (PCB SI degradation)
(5)
The PCB SI degradation is the signal integrity degradation due to PCB affects which includes such things as
simultaneously switching output (SSO) noise, crosstalk, and intersymbol interference (ISI) noise.
DLPC900 I/O timing parameters, as well as DMD I/O timing parameters, can be easily found in their
corresponding data sheets. Similarly, PCB routing mismatch can be easily budgeted and met via controlled PCB
routing. However, PCB SI degradation is not as easy-to-determine.
In an attempt to minimize the signal integrity analysis that would otherwise be required, the following PCB design
guidelines provide a reference of an interconnect system that satisfies both waveform quality and timing
requirements (accounting for both PCB routing mismatch and PCB SI degradation). Deviation from these
recommendations may work, but should be confirmed with PCB signal integrity analysis or lab measurements.
PCB design: Refer to the Figure 41.
Configuration:
Etch thickness (T):
Flex etch thickness (T):
Single-ended signal impedance:
Differential signal impedance:
Asymmetric dual stripline
1.0-oz copper (1.2 mil)
0.5-oz copper (0.6 mil)
50 Ω (±10%)
100 Ω (±10%)
PCB stackup: Refer to the Figure 41.
Reference plane 1 is assumed to be a ground plane for proper return path.
Reference plane 2 is assumed to be the I/O power plane or ground.
Dielectric FR4, (Er):
4.2 (nominal)
Signal trace distance to reference plane 1 (H1): 5.0 mil (nominal)
Signal trace distance to reference plane 2 (H2): 34.2 mil (nominal)


Similar Part No. - DLPC900_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC900ZPC TI1-DLPC900ZPC Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
More results

Similar Description - DLPC900_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DLPC150 TI1-DLPC150 Datasheet
1Mb / 55P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC900 TI1-DLPC900 Datasheet
1Mb / 72P
[Old version datasheet]   Digital Controller for Advanced Light Control
DLPC350 TI1-DLPC350_14 Datasheet
2Mb / 62P
[Old version datasheet]   Digital Controller for Portable Advanced Light Control
logo
Omron Electronics LLC
E5CN-H OMRON-E5CN-H Datasheet
1Mb / 13P
   Advanced Digital Temperature Controller
E5AN-H OMRON-E5AN-H Datasheet
1Mb / 16P
   Advanced Digital Temperature Controller
logo
STMicroelectronics
AN4300 STMICROELECTRONICS-AN4300 Datasheet
2Mb / 40P
   Advanced light control and diagnostics using
logo
ams AG
TCS3430 AMSCO-TCS3430 Datasheet
724Kb / 38P
   The device features advanced digital Ambient Light Sensing
logo
Semtech Corporation
SC1544 SEMTECH-SC1544 Datasheet
259Kb / 15P
   ACPI Controller for Advanced Motherboards
logo
Analog Devices
ADP1046AW AD-ADP1046AW Datasheet
1Mb / 88P
   Digital Controller for Isolated
ADP1046 AD-ADP1046 Datasheet
2Mb / 96P
   Digital Controller for Isolated
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com