Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KMM5364003CSW Datasheet(PDF) 4 Page - Samsung semiconductor

Part No. KMM5364003CSW
Description  4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KMM5364003CSW Datasheet(HTML) 4 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DRAM MODULE
KMM5364003CSW/CSWG
CAS3
CAS2
CAS1
CAS0
FUNCTIONAL BLOCK DIAGRAM
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
U0
Vcc
Vss
0.1 or 0.22uF Capacitor
for each DRAM
To all DRAMs
W
A0-A11
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DQ16
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
U2
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DQ24
DQ25
DQ27
DQ28
DQ29
DQ30
DQ31
DQ32
DQ33
DQ34
DQ0
DQ1
DQ2
DQ3
RAS
CAS0
CAS1
DQ8
DQ17
DQ26
DQ35
U1
CAS3
CAS2
W A0-A11
W A0-A11
W A0-A11
47
47
47
47
RAS
LCAS
UCAS
OE
RAS
LCAS
UCAS
OE
RAS0/RAS2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn