Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KMM5362205C2W Datasheet(PDF) 3 Page - Samsung semiconductor

Part No. KMM5362205C2W
Description  2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KMM5362205C2W Datasheet(HTML) 3 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DRAM MODULE
KMM5362205C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 3 -
KMM5362205C2W/C2WG Fast Page Mode with Extended Data Out
2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh,
The Samsung KMM5362205C2W is a 2Mx36bits
Dynamic
RAM
high
density
memory
module.
The
Samsung
KMM5362205C2W consists of four CMOS 1Mx16bits DRAMs
in 42-pin SOJ package and two CMOS 1Mx4 bit Quad CAS
with EDO DRAM in 24-pin SOJ package mounted on a 72-pin
glass-epoxy substrate. A 0.1 or 0.22uF decoupling capacitor is
mounted on the printed circuit board for each DRAM. The
KMM5362205C2W is a Single In-line Memory Module with
edge connections and is intended for mounting into 72 pin
edge connector sockets.
• Part Identification
- KMM5362205C2W(1024 cycles/16ms Ref, SOJ, Solder)
- KMM5362205C2WG(1024 cycles/16ms Ref, SOJ, Gold)
• Fast Page Mode with Extended Data Out
• CAS-before- RAS refresh capability
• RAS-only and hidden refresh capability
• TTL compatible inputs and outputs
• Single +5V
±10% power supply
• JEDEC standard PDPin & pinout
• PCB : Height(750mil), double sided component
GENERAL DESCRIPTION
FEATURES
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
tHPC
-5
50ns
15ns
90ns
25ns
-6
60ns
17ns
110ns
30ns
PIN NAMES
Pin Name
Function
A0 - A9
Address Inputs
DQ0 - DQ35
Data In/Out
W
Read/Write Enable
RAS0 , RAS1
Row Address Strobe
CAS0 - CAS3
Column Address Strobe
PD1 -PD4
Presence Detect
Vcc
Power(+5V)
Vss
Ground
NC
No Connection
Res
Reserved Pin
PRESENCE DETECT PINS (Optional)
* Pin connection changing available
Pin
50NS
60NS
PD1
PD2
PD3
PD4
NC
NC
Vss
Vss
NC
NC
NC
NC
PIN CONFIGURATIONS
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Symbol
VSS
DQ0
DQ18
DQ1
DQ19
DQ2
DQ20
DQ3
DQ21
Vcc
NC
A0
A1
A2
A3
A4
A5
A6
Res(A10)
DQ4
DQ22
DQ5
DQ23
DQ6
DQ24
DQ7
DQ25
A7
Res(A11)
Vcc
A8
A9
RAS1
RAS0
DQ26
DQ8
Pin
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Symbol
DQ17
DQ35
Vss
CAS0
CAS2
CAS3
CAS1
RAS0
RAS1
NC
W
NC
DQ9
DQ27
DQ10
DQ28
DQ11
DQ29
DQ12
DQ30
DQ13
DQ31
Vcc
DQ32
DQ14
DQ33
DQ15
DQ34
DQ16
NC
PD1
PD2
PD3
PD4
NC
Vss
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn