Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KMM5362203C2W Datasheet(PDF) 5 Page - Samsung semiconductor

Part No. KMM5362203C2W
Description  2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SAMSUNG [Samsung semiconductor]
Homepage  http://www.samsung.com/Products/Semiconductor
Logo 

KMM5362203C2W Datasheet(HTML) 5 Page - Samsung semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
DRAM MODULE
KMM5362203C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 5 -
ICC1, ICC3, ICC4 and ICC6 are dependent on output loading and cycle rates. Specified values are obtained with the output open.
ICC is specified as an average current. In I CC1 and ICC3, address can be changed maximum once while RAS=VIL. In ICC4,
address can be changed maximum once within one page mode cycle,
tPC.
* NOTE :
ABSOLUTE MAXIMUM RATINGS *
* Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded. Functional operation should be restricted to
the conditions as detailed in the operational sections of this data sheet. Exposure to absolute maximum rating conditions for in tended
periods may affect device reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to V SS
Voltage on VCC supply relative to V SS
Storage Temperature
Power Dissipation
Short Circuit Output Current
VIN, VOUT
VCC
Tstg
Pd
IOS
-1 to +7.0
-1 to +7.0
-55 to +150
6
50
V
V
°C
W
mA
RECOMMENDED OPERATING CONDITIONS (Voltage referenced to VSS, TA = 0 to 70
°C)
*1 : VCC+2.0V/20ns, Pulse width is measured at VCC.
*2 : -2.0V/20ns, Pulse width is measured at VSS.
Item
Symbol
Min
Typ
Max
Unit
Supply Voltage
Ground
Input High Voltage
Input Low Voltage
VCC
VSS
VIH
VIL
4.5
0
2.4
-1.0*2
5.0
0
-
-
5.5
0
VCC+1*1
0.8
V
V
V
V
DC AND OPERATING CHARACTERISTICS (Recommended operating conditions unless otherwise noted)
ICC1
ICC2
ICC3
ICC4
ICC5
ICC6
II(L)
IO(L)
VOH
VOL
Symbol
Speed
KMM5362203C2W/C2WG
Unit
Min
Max
ICC1
-5
-6
-
-
391
361
mA
mA
ICC2
Don
′t care
-
12
mA
ICC3
-5
-6
-
-
391
361
mA
mA
ICC4
-5
-6
-
-
251
221
mA
mA
ICC5
Don
′t care
-
6
mA
ICC6
-5
-6
-
-
391
361
mA
mA
II(L)
IO(L)
Don
′t care
-30
-10
30
10
uA
uA
VOH
VOL
Don
′t care
2.4
-
-
0.4
V
V
: Operating Current * ( RAS, LCAS or UCAS, Address cycling @
tRC=min)
: Standby Current ( RAS=LCAS=UCAS=W=VIH)
: RAS Only Refresh Current * ( LCAS=UCAS=VIH, RAS cycling @
tRC=min)
: Fast Page Mode Current * ( RAS=VIL, LCAS or UCAS cycling :
tPC=min)
: Standby Current ( RAS=LCAS=UCAS=W=Vcc-0.2V)
: CAS-Before-RAS Refresh Current * ( RAS and CAS cycling @
tRC=min)
: Input Leakage Current (Any input 0
≤VIN≤Vcc+0.5V, all other pins not under test=0 V)
: Output Leakage Current(Data Out is disabled, 0V
≤VOUT≤Vcc)
: Output High Voltage Level (I OH = -5mA)
: Output Low Voltage Level (I OL = 4.2mA)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn