Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM5361205C2W Datasheet(PDF) 15 Page - Samsung semiconductor

Part # KMM5361205C2W
Description  1M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5361205C2W Datasheet(HTML) 15 Page - Samsung semiconductor

Back Button KMM5361205C2W Datasheet HTML 9Page - Samsung semiconductor KMM5361205C2W Datasheet HTML 10Page - Samsung semiconductor KMM5361205C2W Datasheet HTML 11Page - Samsung semiconductor KMM5361205C2W Datasheet HTML 12Page - Samsung semiconductor KMM5361205C2W Datasheet HTML 13Page - Samsung semiconductor KMM5361205C2W Datasheet HTML 14Page - Samsung semiconductor KMM5361205C2W Datasheet HTML 15Page - Samsung semiconductor KMM5361205C2W Datasheet HTML 16Page - Samsung semiconductor KMM5361205C2W Datasheet HTML 17Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
DRAM MODULE
KMM5361205C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 15 -
CAS-BEFORE-RAS REFRESH COUNTER TEST CYCLE
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
COLUMN
ADDRESS
tRAS
tRSH
tCHR
tRAL
tCSR
tCPT
tRP
tCAS
tASC
tCAH
READ CYCLE
VOH -
VOL -
DATA-OUT
DQ
tREZ
tCLZ
WRITE CYCLE
VIH -
VIL -
DATA-IN
DQ
tDH
tDS
Don
′t care
Undefined
tWRP
tWRH
tRRH
tRCH
tRCS
tCAC
tAA
VIH -
VIL -
W
tWRP
tWRH
tWCS
tWCH
tCWL
VIH -
VIL -
W
tWP
tRWL
NOTE : This timing diagram is applied to all devices besides 64M DRAM based modules.
tCEZ
tWEZ


Similar Part No. - KMM5361205C2W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM5361203C2WG SAMSUNG-KMM5361203C2WG Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
More results

Similar Description - KMM5361205C2W

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM5362203C2W SAMSUNG-KMM5362203C2W Datasheet
284Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
KMM5364003BSW SAMSUNG-KMM5364003BSW Datasheet
351Kb / 18P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CSW SAMSUNG-KMM5364003CSW Datasheet
391Kb / 20P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CSW SAMSUNG-KMM5364005CSW Datasheet
415Kb / 21P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005BSW SAMSUNG-KMM5364005BSW Datasheet
393Kb / 19P
   4M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364005CK SAMSUNG-KMM5364005CK Datasheet
277Kb / 15P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com