Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM5328000CK Datasheet(PDF) 1 Page - Samsung semiconductor

Part # KMM5328000CK
Description  8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5328000CK Datasheet(HTML) 1 Page - Samsung semiconductor

  KMM5328000CK Datasheet HTML 1Page - Samsung semiconductor KMM5328000CK Datasheet HTML 2Page - Samsung semiconductor KMM5328000CK Datasheet HTML 3Page - Samsung semiconductor KMM5328000CK Datasheet HTML 4Page - Samsung semiconductor KMM5328000CK Datasheet HTML 5Page - Samsung semiconductor KMM5328000CK Datasheet HTML 6Page - Samsung semiconductor KMM5328000CK Datasheet HTML 7Page - Samsung semiconductor KMM5328000CK Datasheet HTML 8Page - Samsung semiconductor KMM5328000CK Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DRAM MODULE
KMM5328100CK/CKG
KMM5328000CK/CKG
KMM5328000CK/CKG & KMM5328100CK/CKG with Fast Page Mode
8M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
The Samsung KMM53280(1)00CK is a 8Mx32bits
Dynamic
RAM
high
density
memory
module.
The
Samsung
KMM53280(1)00CK consists of sixteen CMOS 4Mx4bits
DRAMs in 24-pin SOJ package mounted on a 72-pin glass-
epoxy substrate. A 0.1 or 0.22uF decoupling capacitor is
mounted on the printed circuit board for each DRAM. The
KMM53280(1)00CK is a Single In-line Memory Module with
edge connections and is intended for mounting into 72 pin
edge connector sockets.
• Part Identification
- KMM5328000CK(4096 cycles/64ms Ref, SOJ, Solder)
- KMM5328000CKG(4096 cycles/64ms Ref, SOJ, Gold)
- KMM5328100CK(2048 cycles/32ms Ref, SOJ, Solder)
- KMM5328100CKG(2048 cycles/32ms Ref, SOJ, Gold)
• Fast Page Mode Operation
• CAS-before-RAS refresh capability
• RAS-only and Hidden refresh capability
• TTL compatible inputs and outputs
• Single +5V
±10% power supply
• JEDEC standard PDPin & pinout
• PCB : Height(1000mil), double sided component
GENERAL DESCRIPTION
FEATURES
PERFORMANCE RANGE
Speed
tRAC
tCAC
tRC
-5
50ns
13ns
90ns
-6
60ns
15ns
110ns
PIN NAMES
Pin Name
Function
A0 - A11
Address Inputs(4K Ref)
A0 - A10
Address Inputs(2K Ref)
DQ0 - DQ31
Data In/Out
W
Read/Write Enable
RAS0, RAS1
Row Address Strobe
CAS0 - CAS3
Column Address Strobe
PD1 -PD4
Presence Detect
Vcc
Power(+5V)
Vss
Ground
NC
No Connection
PRESENCE DETECT PINS (Optional)
* Pin connection changing available
Pin
50NS
60NS
PD1
PD2
PD3
PD4
NC
Vss
Vss
Vss
NC
Vss
NC
NC
PIN CONFIGURATIONS
Pin
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Symbol
VSS
DQ0
DQ16
DQ1
DQ17
DQ2
DQ18
DQ3
DQ19
Vcc
NC
A0
A1
A2
A3
A4
A5
A6
A10
DQ4
DQ20
DQ5
DQ21
DQ6
DQ22
DQ7
DQ23
A7
A11
Vcc
A8
A9
RAS1
RAS0
NC
NC
Pin
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Symbol
NC
NC
Vss
CAS0
CAS2
CAS3
CAS1
RAS0
RAS1
NC
W
NC
DQ8
DQ24
DQ9
DQ25
DQ10
DQ26
DQ11
DQ27
DQ12
DQ28
Vcc
DQ29
DQ13
DQ30
DQ14
DQ31
DQ15
NC
PD1
PD2
PD3
PD4
NC
Vss
* NOTE : A11 is used for only KMM5328000CK/CKG (4K ref.)
SAMSUNG ELECTRONICS CO., LTD. reserves the right to
change products and specifications without notice.


Similar Part No. - KMM5328000CK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5328000BSW SAMSUNG-KMM5328000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
More results

Similar Description - KMM5328000CK

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5324004CK SAMSUNG-KMM5324004CK Datasheet
276Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5324000CK SAMSUNG-KMM5324000CK Datasheet
265Kb / 15P
   4M x 32 DRAM SIMM using 4Mx4, 4K/2K Refresh, 5V
KMM5328004CSW SAMSUNG-KMM5328004CSW Datasheet
440Kb / 21P
   8M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5328004BSW SAMSUNG-KMM5328004BSW Datasheet
406Kb / 19P
   8M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5368003BSW SAMSUNG-KMM5368003BSW Datasheet
365Kb / 18P
   8M x 36 DRAM SIMM Using 4Mx16 & Quad CAS 4Mx4, 4K Refresh, 5V
KMM5364003CK SAMSUNG-KMM5364003CK Datasheet
286Kb / 17P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K Refresh, 5V
KMM5364005CK SAMSUNG-KMM5364005CK Datasheet
277Kb / 15P
   4M x 36 DRAM SIMM using 4Mx4 and 16M Quad CAS, 4K/2K, Refresh, 5V
KMM5322104CKU SAMSUNG-KMM5322104CKU Datasheet
274Kb / 15P
   2M x 32 DRAM SIMM using 2Mx8 , 2K Refresh, 5V
KMM5324000BSW SAMSUNG-KMM5324000BSW Datasheet
357Kb / 18P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
KMM5324004CSW SAMSUNG-KMM5324004CSW Datasheet
435Kb / 21P
   4M x 32 DRAM SIMM Using 4Mx16, 4K Refresh, 5V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com