Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMM5321200C2WG Datasheet(PDF) 9 Page - Samsung semiconductor

Part # KMM5321200C2WG
Description  1Mx32 DRAM SIMM (1MX16 Base)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KMM5321200C2WG Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button KMM5321200C2WG Datasheet HTML 5Page - Samsung semiconductor KMM5321200C2WG Datasheet HTML 6Page - Samsung semiconductor KMM5321200C2WG Datasheet HTML 7Page - Samsung semiconductor KMM5321200C2WG Datasheet HTML 8Page - Samsung semiconductor KMM5321200C2WG Datasheet HTML 9Page - Samsung semiconductor KMM5321200C2WG Datasheet HTML 10Page - Samsung semiconductor KMM5321200C2WG Datasheet HTML 11Page - Samsung semiconductor KMM5321200C2WG Datasheet HTML 12Page - Samsung semiconductor KMM5321200C2WG Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
DRAM MODULE
KMM5321200C2W/C2WG
Rev. 0.0 (Nov. 1997)
- 9 -
tWCS
WRITE CYCLE ( EARLY WRITE )
NOTE : DOUT = OPEN
RAS
VIH -
VIL -
CAS
VIH -
VIL -
A
VIH -
VIL -
W
VIH -
VIL -
VIH -
VIL -
DQ
COLUMN
ADDRESS
ROW
ADDRESS
tRAS
tRC
tCRP
tRP
tCSH
tRSH
tRCD
tCAS
tRAL
tRAD
tASR
tRAH
tASC
tCAH
tCRP
tWP
tDS
tDH
tWCH
tCWL
tRWL
Don
′t care
DATA-IN
Undefined


Similar Part No. - KMM5321200C2WG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5321204C2W SAMSUNG-KMM5321204C2W Datasheet
286Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
KMM5321204C2WG SAMSUNG-KMM5321204C2WG Datasheet
286Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
More results

Similar Description - KMM5321200C2WG

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KMM5321204C2W SAMSUNG-KMM5321204C2W Datasheet
286Kb / 17P
   1Mx32 DRAM SIMM (1MX16 Base)
KMM5322204C2W SAMSUNG-KMM5322204C2W Datasheet
287Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16 , 1K Refresh, 5V
KMM5322200C2W SAMSUNG-KMM5322200C2W Datasheet
280Kb / 17P
   2M x 32 DRAM SIMM using 1Mx16, 1K Refresh, 5V
KMM5361203C2W SAMSUNG-KMM5361203C2W Datasheet
280Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh
KMM5361205C2W SAMSUNG-KMM5361205C2W Datasheet
289Kb / 17P
   1M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362205C2W SAMSUNG-KMM5362205C2W Datasheet
296Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 4M Quad CAS EDO, 1K Refresh
KMM5362203C2W SAMSUNG-KMM5362203C2W Datasheet
284Kb / 17P
   2M x 36 DRAM SIMM using 1Mx16 and 1Mx4 Quad CAS, 1K Refresh, 5V
logo
White Electronic Design...
EDI416S4030A WEDC-EDI416S4030A Datasheet
1Mb / 27P
   1Mx16 Bits x 4 Banks Synchronous DRAM
logo
Hanbit Electronics Co.,...
HMD1M32M2EG HANBIT-HMD1M32M2EG Datasheet
66Kb / 7P
   4Mbyte(1Mx32) EDO Mode, 1K Refresh, 72Pin SIMM, 5V Design
HMD1M32M2GL HANBIT-HMD1M32M2GL Datasheet
223Kb / 7P
   4Mbyte(1Mx32) Fast Page Mode, 1K Refresh, 72Pin SIMM, 5V Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com