Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X98014L128-3.3-Z Datasheet(PDF) 10 Page - Intersil Corporation

Part # X98014L128-3.3-Z
Description  140MHz Triple Video Digitizer with Digital PLL
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X98014L128-3.3-Z Datasheet(HTML) 10 Page - Intersil Corporation

Back Button X98014L128-3.3-Z Datasheet HTML 6Page - Intersil Corporation X98014L128-3.3-Z Datasheet HTML 7Page - Intersil Corporation X98014L128-3.3-Z Datasheet HTML 8Page - Intersil Corporation X98014L128-3.3-Z Datasheet HTML 9Page - Intersil Corporation X98014L128-3.3-Z Datasheet HTML 10Page - Intersil Corporation X98014L128-3.3-Z Datasheet HTML 11Page - Intersil Corporation X98014L128-3.3-Z Datasheet HTML 12Page - Intersil Corporation X98014L128-3.3-Z Datasheet HTML 13Page - Intersil Corporation X98014L128-3.3-Z Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
FN8217.0
June 3, 2005
HSOUT
125
3.3V digital output. HSYNC output aligned with pixel data. Use this output to frame the digital output data.
This output is always purely horizontal sync (without any composite sync signals)
VSOUT
126
3.3V digital output.Artificial VSYNC output aligned with pixel data. VSYNC is generated 8 pixel clocks after
the trailing edge of HSOUT. This signal is usually not needed - use VSYNCOUT as VSYNC source.
HSYNCOUT
127
3.3V digital output. Buffered HSYNC (or SOG or CSYNC) output. This is typically used to measure HSYNC
period. HSOUT should be used to detect the beginning of a line. This output will pass composite sync signals
and Macrovision signals if present on HSYNCIN or SOGIN.
VSYNCOUT
128
3.3V digital output. Buffered VSYNC output. For composite sync signals, this output will be asserted for the
duration of the disruption of the normal HSYNC pattern. This is typically used to detect the beginning of a
frame and measure the VSYNC period.
VA
6, 11, 18, 20,
29, 35
Power supply for the analog section. Connect to a 3.3V supply and bypass each pin to GNDA with 0.1µF.
GNDA
3, 5, 8, 10, 15,
17, 21, 23, 27,
30, 36
Ground return for VA and VBYPASS.
VD
54, 67, 77, 89,
99, 111, 124
Power supply for all digital I/Os. Connect to a 3.3V supply and bypass each pin to GNDD with 0.1µF.
GNDD
32, 43, 51, 53,
66, 76, 78, 88,
98, 108, 110,
120, 123
Ground return for VD, VCORE, VCOREADC, and VPLL.
VX
38
Power supply for crystal oscillator. Connect to a 3.3V supply and bypass to GNDX with 0.1µF.
GNDX
37
Ground return for VX.
VBYPASS
4, 9, 16
Bypass these pins to GNDA with 0.1µF. Do not connect these pins to each other or anything else.
VREGIN
65
3.3V input voltage for VCORE voltage regulator. Connect to a 3.3V source, and bypass to GNDD with 0.1µF.
VREGOUT
64
Regulated output voltage for VPLL, VCOREADC and VCORE; typically 1.9V. Connect only to VPLL,
VCOREADC and VCORE and bypass at input pins as instructed below. Do not connect to anything else - this
output can only supply power to VPLL, VCOREADC and VCORE.
VCOREADC
31
Internal power for the ADC’s digital logic. Connect to VREGOUT through a 10Ω resistor and bypass to GNDD
with 0.1µF.
VPLL
42
Internal power for the PLL’s digital logic. Connect to VREGOUT through a 10Ω resistor and bypass to GNDD
with 0.1µF.
VCORE
52, 79, 109
Internal power for core logic. Connect to VREGOUT and bypass each pin to GNDD with 0.1µF.
NC
1, 2, 63
Reserved. Do not connect anything to these pins.
Pin Descriptions (Continued)
SYMBOL
PIN
DESCRIPTION
X98014


Similar Part No. - X98014L128-3.3-Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98014L128-3.3-Z INTERSIL-X98014L128-3.3-Z Datasheet
440Kb / 29P
   140MHz Triple Video Digitizer with Digital PLL
X98014L128-3.3-Z INTERSIL-X98014L128-3.3-Z Datasheet
443Kb / 29P
   140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
logo
Renesas Technology Corp
X98014L128-3.3-Z RENESAS-X98014L128-3.3-Z Datasheet
1Mb / 29P
   140MHz Triple Video Digitizer with Digital PLL
More results

Similar Description - X98014L128-3.3-Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X98014L128-3.3 INTERSIL-X98014L128-3.3 Datasheet
443Kb / 29P
   140MHz Triple Video Digitizer with Digital PLL
March 8, 2006
X98014 INTERSIL-X98014_06 Datasheet
440Kb / 29P
   140MHz Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
X98014 RENESAS-X98014 Datasheet
1Mb / 29P
   140MHz Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001 INTERSIL-ISL98001_07 Datasheet
370Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98001 INTERSIL-ISL98001 Datasheet
474Kb / 31P
   Triple Video Digitizer with Digital PLL
logo
Renesas Technology Corp
ISL98001 RENESAS-ISL98001 Datasheet
1Mb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 RENESAS-ISL98002 Datasheet
1Mb / 28P
   Triple Video Digitizer with Digital PLL
logo
Intersil Corporation
ISL98001IQZ-140 INTERSIL-ISL98001IQZ-140 Datasheet
470Kb / 31P
   Triple Video Digitizer with Digital PLL
September 21, 2010
ISL98001 INTERSIL-ISL98001_06 Datasheet
488Kb / 31P
   Triple Video Digitizer with Digital PLL
ISL98002 INTERSIL-ISL98002 Datasheet
510Kb / 28P
   Triple Video Digitizer with Digital PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com