Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X79001 Datasheet(PDF) 5 Page - Intersil Corporation

Part # X79001
Description  NV DAC with Selectable Output Range and Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X79001 Datasheet(HTML) 5 Page - Intersil Corporation

  X79001 Datasheet HTML 1Page - Intersil Corporation X79001 Datasheet HTML 2Page - Intersil Corporation X79001 Datasheet HTML 3Page - Intersil Corporation X79001 Datasheet HTML 4Page - Intersil Corporation X79001 Datasheet HTML 5Page - Intersil Corporation X79001 Datasheet HTML 6Page - Intersil Corporation X79001 Datasheet HTML 7Page - Intersil Corporation X79001 Datasheet HTML 8Page - Intersil Corporation X79001 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
FN8147.0
March 17, 2005
ELECTRICAL CHARACTERISTICS (continued)
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions / Notes
Reference
Vrefout
Output Voltage at VRef at 25°C
1.20
1.21
1.22
V
-20µA < I(VRef) < 0,
Vref as an output
TCOref
Temperature coefficient of VRef
output voltage
50
ppm/
°C
(5)
RVHVL
Resistance between VL and VH
9
11.4
14
k
VH & VL external
Digital Interface
tOEVALID
OE rising edge to output valid
delay
100
µs
tOEDIS
OE falling edge to high impedance
output delay
100
µs
Cout
SO and RDY pin capacitance
10
pF
Voltage at pin of 0V or Vcc. 1 MHz
signal. (4)
Cin
CLR, CS, SCK, A0, A1, A2, A3, A4,
A5, SI, UP, DOWN, OE
pin capacitance
8pF
IPLDN
On-chip pull down current at A0,
A1, A2, A3, A4, A5, UP, DOWN,
and CLR
0
1
20
µA
Voltage at the pin between 0V and
Vcc
VILSPI
CS, SCK and SI input Low voltage
-0.8
0.2 x
Vcc
V
VIHSPI
CS, SCK and SI input High voltage
0.8 x
Vcc
Vcc +
0.3
V
IINSPI
CS, CLK and SI input current
-1
10
µA
Voltage at the pin between 0V and
Vcc
VOHSO
SO output High voltage
Vcc-
0.4
Vcc
V
I(SO) = -2mA
VOLSO
SO Output Low Voltage
0
0.4
V
I(SO) = 2mA
IOZSO
SO output High impedance current
-20
+20
µA
V(SO) between 0 and Vcc
VOLSO
RDY and SO output Low voltage
0
0.4
V
I(SO) or I(RDY) = 2 mA
IOHRDY
RDY output High current
0
100
µA
V(RDY) = Vcc
VILCMOS
CLR, OE, UP, DOWN, A0, A1, A2,
A3, A4, and A5 input Low voltage
-0.3
0.2 x
Vcc
V
VIHCMOS
CLR, OE, UP, DOWN, A0, A1, and
A2 input High voltage
0.8 x
Vcc
Vcc +
0.3
V
VHYST
CS, SI, SCK, CLR, OE, UP and
DOWN input hysteresis
0.5
V
(5)
Power Requirements
Iccstby
Standby current into Vcc pin
2.5
mA
V(SCK) = V(SI) = 0 V, V(CS) = Vcc
Iccfull
Full operation current into Vcc pin
3
mA
2-wire interface reading from
memory, 2.5 MHz clock at SCK,
V(OE) = VCC, VFB = VBUF (2)
Iccwrite
Nonvolatile Write current into Vcc
pin
3
mA
Average during internal
non-volatile write cycle
X79000, X79001, X79002


Similar Part No. - X79001

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X7900 INTEL-X7900 Datasheet
1Mb / 87P
   Core2 Duo Processors and Core2 Extreme Processors for Platforms Based on Mobile 965 Express Chipset Family
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
   NV DAC with Selectable Output Range and Memory
More results

Similar Description - X79001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X79000 RENESAS-X79000 Datasheet
695Kb / 18P
   NV DAC with Selectable Output Range and Memory
logo
Dallas Semiconductor
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
   Dual NV Potentiometer and Memory
logo
Maxim Integrated Produc...
DS1845 MAXIM-DS1845 Datasheet
202Kb / 14P
   Dual NV Potentiometer and Memory
011006
DS1846 MAXIM-DS1846 Datasheet
248Kb / 18P
   NV Tri-Potentiometer, Memory, and MicroMonitor
042902
logo
Gamewell-FCI by Honeywe...
P1224MC GAMEWELL-FCI-P1224MC Datasheet
49Kb / 3P
   SELECTABLE OUTPUT STROBES AND HORNS
logo
Intersil Corporation
X96011 INTERSIL-X96011 Datasheet
335Kb / 23P
   Temperature Sensor with Look Up Table Memory and DAC
X96011 INTERSIL-X96011_08 Datasheet
287Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
logo
Renesas Technology Corp
X96011 RENESAS-X96011 Datasheet
386Kb / 18P
   Temperature Sensor with Look-Up Table Memory and DAC
February 25, 2008
logo
Microchip Technology
MCP7940N MICROCHIP-MCP7940N_14 Datasheet
1Mb / 56P
   Clock output with selectable frequency
03/13/14
logo
Systemsensor advanced i...
S1224MC SYSTEMSENSOR-S1224MC Datasheet
299Kb / 4P
   Selectable Output Strobe and Horn Strobes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com