Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TTS3816B4E Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TTS3816B4E
Description  2M x 16Bit x 4 Banks synchronous DRAM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TTS3816B4E Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TTS3816B4E Datasheet HTML 1Page - List of Unclassifed Manufacturers TTS3816B4E Datasheet HTML 2Page - List of Unclassifed Manufacturers TTS3816B4E Datasheet HTML 3Page - List of Unclassifed Manufacturers TTS3816B4E Datasheet HTML 4Page - List of Unclassifed Manufacturers TTS3816B4E Datasheet HTML 5Page - List of Unclassifed Manufacturers TTS3816B4E Datasheet HTML 6Page - List of Unclassifed Manufacturers TTS3816B4E Datasheet HTML 7Page - List of Unclassifed Manufacturers TTS3816B4E Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
M.tec
TTS3816B4E
Revision_1.1
6
TwinMOS Technologies Inc. Sep. 2000
DC CHARACTERISTICS
(Recommended operating condition unless otherwise noted, TA = 0 to 70°C)
Parameter
Symbol
Test Condition
TTS3816B4E
Unit
Note
Operating current
(One bank active)
ICC1
Burst length = 1
tRC≧tRC(min)
IOL = 0mA
100
mA
1
ICC2P
CKE≦VIL(max), tCC = 15 ns
2
Pre-charge standby current
in power- down mode
ICC2PS CKE&CLK≦VIL(max), tCC = ∞
2
mA
ICC2N
CKE≧VIH(min), /CS≧VIH(min) ,
tCC = 15ns
Input signals are stable
30
Pre-charge standby current
in non power-down mode
ICC2NS
CKE≧VIH(min), CLK≦VIL(Max) ,
tCC = ∞
Input signals are stable
10
mA
ICC3P
CKE≦VIL(max), tCC = 15 ns
5
Active standby current in
power-down mode
ICC3PS CKE&CLK≦VIL(max), tCC = ∞
5
mA
ICC3N
CKE≧VIH(min), /CS≧VIH(min) ,
tCC = 15ns
Input signals are stable
40
Active standby current in
non power-down mode
(One bank active)
ICC3NS
CKE≧VIH(min), CLK≦VIL(Max) ,
tCC = ∞
Input signals are stable
20
mA
CL = 3
150
Operating current
(Burst mode)
ICC4
IOL=0 mA
Page burst
2Banks activated
tCCD = 2CLKS
CL = 2
140
mA
1
Refresh current
ICC5
tRC≧tRC(min)
160
mA
2
Self refresh current
ICC6
CKE≦0.2V
1
mA
Note: 1.Measured with outputs open.
2.Refresh period is 64 ms.


Similar Part No. - TTS3816B4E

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
TTS SCHURTER-TTS Datasheet
490Kb / 4P
   Touchless Switch
05.01.2022
logo
PANDUIT CORP.
TTS-35RX0 PANDUIT-TTS-35RX0 Datasheet
715Kb / 4P
   Hook and Loop Cable Ties
logo
List of Unclassifed Man...
TTS14NSB-A8 ETC2-TTS14NSB-A8 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Thinking Electronic Ind...
TTS1B10313381 THINKING-TTS1B10313381 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
TTS1B10313382 THINKING-TTS1B10313382 Datasheet
109Kb / 6P
   Bead Type for Temperature Sensing/Compensation
More results

Similar Description - TTS3816B4E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM416S8030 SAMSUNG-KM416S8030 Datasheet
116Kb / 10P
   2M x 16Bit x 4 Banks Synchronous DRAM
K4S281632B-N SAMSUNG-K4S281632B-N Datasheet
64Kb / 8P
   2M x 16Bit x 4 Banks Synchronous DRAM in sTSOP
K4S281632B SAMSUNG-K4S281632B Datasheet
108Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632M SAMSUNG-K4S281632M Datasheet
87Kb / 10P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S8030B SAMSUNG-KM416S8030B Datasheet
133Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632C SAMSUNG-K4S281632C Datasheet
47Kb / 9P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4D261638E SAMSUNG-K4D261638E Datasheet
215Kb / 16P
   2M x 16Bit x 4 Banks Double Data Rate Synchronous DRAM
K4S281632C SAMSUNG-K4S281632C Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
K4S281632D SAMSUNG-K4S281632D Datasheet
112Kb / 11P
   128Mbit SDRAM 2M x 16Bit x 4 Banks Synchronous DRAM LVTTL
KM416S4030C SAMSUNG-KM416S4030C Datasheet
124Kb / 11P
   1M x 16Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com