Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP05DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP05DR2
Description  2-Input Differential AND/NAND
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP05DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP05DR2 Datasheet HTML 1Page - ON Semiconductor MC10EP05DR2 Datasheet HTML 2Page - ON Semiconductor MC10EP05DR2 Datasheet HTML 3Page - ON Semiconductor MC10EP05DR2 Datasheet HTML 4Page - ON Semiconductor MC10EP05DR2 Datasheet HTML 5Page - ON Semiconductor MC10EP05DR2 Datasheet HTML 6Page - ON Semiconductor MC10EP05DR2 Datasheet HTML 7Page - ON Semiconductor MC10EP05DR2 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 1999
September, 1999 – Rev. 1.0
1
Publication Order Number:
MC10EP05/D
MC10EP05
2-Input Differential AND/NAND
The MC10EP05 is a 2–input differential AND/NAND gate. The
device is functionally equivalent to the EL05 and LVEL05 devices.
With AC performance much faster than the LVEL05 device, the EP05
is ideal for applications requiring the fastest AC performance
available.
170ps Typical Propagation Delay
High Bandwidth to 3 Ghz Typical
ECL mode: 0V VCC with VEE = –3.0V to –5.5V
PECL mode: 3.0V to 5.5V VCC with VEE = 0V
Internal Input Resistors: Pulldown on D, Pulldown and Pullup on D
Q Output will default LOW with inputs open or at VEE
ESD Protection: >4KV HBM, >200V MM
New Differential Input Common Mode Range
Moisture Sensitivity Level 1, Indefinite Time Out of Drypack.
For Additional Information, See Application Note AND8003/D
Flammability Rating: UL–94 code V–0 @ 1/8”,
Oxygen Index 28 to 34
Transistor Count = 137 devices
1
2
3
45
6
7
8
Q
VEE
VCC
Figure 1. 8–Lead Pinout (Top View) and Logic Diagram
D0
Q
D1
D1
D0
SO–8
D SUFFIX
CASE 751
PIN DESCRIPTION
PIN
D0, D1, D0, D1
Q, Q
ECL Data Outputs
FUNCTION
ECL Data Inputs
http://onsemi.com
D0
D1
D0
D1
QQ
LL
H
H
L
H
LH
H
L
L
H
HL
L
H
L
H
HH
L
L
H
L
TRUTH TABLE
MARKING DIAGRAM
Device
Package
Shipping
ORDERING INFORMATION
MC10EP05D
SOIC
98 Units/Rail
MC10EP05DR2
SOIC
2500 Tape & Reel
HEP05
1
8
1
8
A = Assembly Location
L = Wafer Lot
Y = Year
W = Work Week
ALYW
*For additional information, see Application Note
AND8002/D


Similar Part No. - MC10EP05DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP05DR2 ONSEMI-MC10EP05DR2 Datasheet
85Kb / 10P
   3.3V / 5V ECL 2-Input Differential AND/NAND
June, 2004 ??Rev. 6
MC10EP05DR2 ONSEMI-MC10EP05DR2 Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP05DR2G ONSEMI-MC10EP05DR2G Datasheet
108Kb / 11P
   3.3V / 5V ECL 2?묲nput Differential AND/NAND
November, 2006 ??Rev. 8
MC10EP05DR2G ONSEMI-MC10EP05DR2G Datasheet
190Kb / 11P
   ECL 2?륤nput Differential AND/NAND
July, 2016 ??Rev. 10
More results

Similar Description - MC10EP05DR2

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05 Datasheet
48Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC10EL05 ONSEMI-MC10EL05 Datasheet
78Kb / 3P
   2-Input Differential AND/NAND
1996 REV 2
logo
Micrel Semiconductor
SY10EL05 MICREL-SY10EL05_06 Datasheet
50Kb / 4P
   2-INPUT DIFFERENTIAL AND/NAND
logo
ON Semiconductor
MC100LVEL05 ONSEMI-MC100LVEL05 Datasheet
55Kb / 3P
   2-Input Differential AND/NAND
1997 REV 0
MC100LVEO05 ONSEMI-MC100LVEO05 Datasheet
110Kb / 9P
   ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
MC10EP105 ONSEMI-MC10EP105 Datasheet
123Kb / 8P
   Quad 2-Input Differential AND/NAND
December, 1999 ??Rev. 0
MC10EL05 ONSEMI-MC10EL05_06 Datasheet
153Kb / 9P
   5V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 5
MC100LVEL05 ONSEMI-MC100LVEL05_06 Datasheet
140Kb / 8P
   3.3V ECL 2-Input Differential AND/NAND
December, 2006 ??Rev. 3
MC100LVEP05 ONSEMI-MC100LVEP05_09 Datasheet
161Kb / 10P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
October, 2009 ??Rev. 2
MC100LVEP05 ONSEMI-MC100LVEP05 Datasheet
104Kb / 9P
   2.5V / 3.3V ECL 2-Input Differential AND/NAND
May, 2007 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com