Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDT323B-5 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PDT323B-5
Description  5mm Low Profile Photo Darlington-Transistor T-1 3/4
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PDT323B-5 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PDT323B-5 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PDT323B-5 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 1.3
Page: 1 of 7
Device No:DPT-032-022
Prepared date:07-17-2004
Prepared by:Jaine Tsai
Technical Data Sheet
5mm Low Profile Photo Darlington-Transistor T-1 3/4
PDT323B-5
Features
․Extra high radiant sensitivity
․Very low temperature drift
․Suitable for near infrared radiation
․High sensitivity
․Pb free
Descriptions
․PDT323B-5 is an extra high sensitive monolithic
silicon epitaxial planar Darlington phototransistors.
Applications
․Special light barriers and switch
․Floppy disk drive
․Optoelectronic switch
․Any applications requiring high sensitivity at low light level
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
PDT
Silicon
Black


Similar Part No. - PDT323B-5

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PDT3012 NIEC-PDT3012 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
PDT3012 NIEC-PDT3012 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
PDT3012 NIEC-PDT3012_1 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
PDT3016 NIEC-PDT3016 Datasheet
271Kb / 5P
   THYRISTOR MODULE 30A /1200 to 1600V
PDT3016 NIEC-PDT3016 Datasheet
251Kb / 4P
   30A Avg 1200~1600 Volts
More results

Similar Description - PDT323B-5

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PT334-6C EVERLIGHT-PT334-6C_05 Datasheet
166Kb / 7P
   5mm Phototransistor T-1 3/4
PT334-6B EVERLIGHT-PT334-6B Datasheet
179Kb / 8P
   5mm Phototransistor,T-1 3/4
PT331C EVERLIGHT-PT331C Datasheet
167Kb / 7P
   5MM PHOTOTRANSISTOR T-1 3/4
PT334-6C EVERLIGHT-PT334-6C_09 Datasheet
157Kb / 7P
   5mm Phototransistor T-1 3/4
PT1504-6B EVERLIGHT-PT1504-6B Datasheet
168Kb / 7P
   5mm Phototransistor T-1 3/4
logo
Chicago Miniature Lamp,...
4304S CML-4304S Datasheet
63Kb / 1P
   Solid State LED Lamps-HighBrite Low Profile T-1 3/4 (5mm)
logo
Everlight Electronics C...
HIR323C-H0 EVERLIGHT-HIR323C-H0 Datasheet
181Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR313C EVERLIGHT-HIR313C Datasheet
188Kb / 7P
   5mm Infrared LED, T-1 3/4
HIR8323-C16 EVERLIGHT-HIR8323-C16 Datasheet
161Kb / 7P
   5mm Infrared LED, T-1 3/4
IR8353-14C EVERLIGHT-IR8353-14C Datasheet
207Kb / 7P
   5mm Infrared LED , T-1 3/4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com