Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL5857 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL5857
Description  12-bit, 3.3V, 260MSPS, High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5857 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL5857 Datasheet HTML 2Page - Intersil Corporation ISL5857 Datasheet HTML 3Page - Intersil Corporation ISL5857 Datasheet HTML 4Page - Intersil Corporation ISL5857 Datasheet HTML 5Page - Intersil Corporation ISL5857 Datasheet HTML 6Page - Intersil Corporation ISL5857 Datasheet HTML 7Page - Intersil Corporation ISL5857 Datasheet HTML 8Page - Intersil Corporation ISL5857 Datasheet HTML 9Page - Intersil Corporation ISL5857 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN6079.1
November 12, 2004
DIGITAL INPUTS D11-D0, CLK
Input Logic High Voltage with
3.3V Supply, VIH
(Note 3)
2.3
3.3
-
V
Input Logic Low Voltage with
3.3V Supply, VIL
(Note 3)
-
0
1.0
V
Sleep Input Current, IIH
-25
-
+25
µA
Input Logic Current, IIH, IL
-20
-
+20
µA
Clock Input Current, IIH, IL
-10
-
+10
µA
Digital Input Capacitance, CIN
-5
-
pF
TIMING CHARACTERISTICS
Data Setup Time, tSU
See Figure 15
-
1.5
-
ns
Data Hold Time, tHLD
See Figure 15
-
1.5
-
ns
Propagation Delay Time, tPD
See Figure 15
-
1
-
Clock
Period
CLK Pulse Width, tPW1, tPW2
See Figure 15 (Note 3)
0.9
-
-
ns
POWER SUPPLY CHARACTERISTICS
AVDD Power Supply
(Note 9)
2.7
3.3
3.6
V
DVDD Power Supply
(Note 9)
2.7
3.3
3.6
V
Analog Supply Current (IAVDD)
3.3V, IOUTFS = 20mA
-
27.5
28.5
mA
3.3V, IOUTFS = 2mA
-
10
-
mA
Digital Supply Current (IDVDD)
3.3V (Note 5)
-
3.7
5
mA
3.3V (Note 6)
-
6.5
8
mA
Supply Current (IAVDD) Sleep Mode
3.3V, IOUTFS = Don’t Care
-
1.5
-
mA
Power Dissipation
3.3V, IOUTFS = 20mA (Note 5)
-
103
111
mW
3.3V, IOUTFS = 20mA (Note 6)
-
110
120
mW
3.3V, IOUTFS = 20mA (Note 7)
-
157
-
mW
3.3V, IOUTFS = 2mA (Note 5)
-
45
-
mW
Power Supply Rejection
Single Supply (Note 8)
-0.125
-
+0.125
%FSR/V
NOTES:
2. Gain Error measured as the error in the ratio between the full scale output current and the current through RSET (typically 625µA). Ideally the
ratio should be 32.
3. Parameter guaranteed by design or characterization and not production tested.
4. Spectral measurements made with differential transformer coupled output and no external filtering. For multitone testing, the same pattern was
used at different clock rates, producing different output frequencies but at the same ratio to the clock rate.
5. Measured with the clock at 130MSPS and the output frequency at 5MHz.
6. Measured with the clock at 200MSPS and the output frequency at 20MHz.
7. Measured with the clock at 260MSPS and the output frequency at 40MHz.
8. See “Definition of Specifications”.
9. Recommended operation is from 3.0V to 3.6V. Operation below 3.0V is possible with some degradation in spectral performance. Reduction in
analog output current may be necessary to maintain spectral performance.
10. See Typical Performance Plots.
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25°C for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
TA = -40°C TO 85°C
UNITS
MIN
TYP
MAX
ISL5857


Similar Part No. - ISL5857

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5857 INTERSIL-ISL5857 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5857 INTERSIL-ISL5857 Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
ISL5857IAZ INTERSIL-ISL5857IAZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5857IAZ RENESAS-ISL5857IAZ Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results

Similar Description - ISL5857

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5857IBZ INTERSIL-ISL5857IBZ Datasheet
752Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
October 7, 2015
logo
Renesas Technology Corp
ISL5857 RENESAS-ISL5857 Datasheet
1,020Kb / 14P
   12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5827 INTERSIL-ISL5827 Datasheet
666Kb / 13P
   Dual 12-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5757 RENESAS-ISL5757 Datasheet
902Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5957 INTERSIL-ISL5957 Datasheet
630Kb / 13P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Renesas Technology Corp
ISL5957 RENESAS-ISL5957 Datasheet
963Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5757 INTERSIL-ISL5757 Datasheet
625Kb / 13P
   10-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5957IBZ INTERSIL-ISL5957IBZ Datasheet
658Kb / 14P
   14-Bit, 3.3V, 260MSPS, High Speed D/A Converter
September 29, 2015
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5727 INTERSIL-ISL5727 Datasheet
672Kb / 13P
   Dual 10-bit, 3.3V, 260MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com