Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100ELT25D Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC100ELT25D
Description  Differential ECL to TTL Translator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100ELT25D Datasheet(HTML) 4 Page - ON Semiconductor

  MC100ELT25D Datasheet HTML 1Page - ON Semiconductor MC100ELT25D Datasheet HTML 2Page - ON Semiconductor MC100ELT25D Datasheet HTML 3Page - ON Semiconductor MC100ELT25D Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MC10ELT25, MC100ELT25
http://onsemi.com
4
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes
without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular
purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability,
including without limitation special, consequential or incidental damages. “Typical” parameters which may be provided in SCILLC data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be
validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights nor the rights of others.
SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or
death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold
SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable
attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim
alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer.
PUBLICATION ORDERING INFORMATION
CENTRAL/SOUTH AMERICA:
Spanish Phone: 303–308–7143 (Mon–Fri 8:00am to 5:00pm MST)
Email: ONlit–spanish@hibbertco.com
ASIA/PACIFIC: LDC for ON Semiconductor – Asia Support
Phone: 303–675–2121 (Tue–Fri 9:00am to 1:00pm, Hong Kong Time)
Toll Free from Hong Kong & Singapore:
001–800–4422–3781
Email: ONlit–asia@hibbertco.com
JAPAN: ON Semiconductor, Japan Customer Focus Center
4–32–1 Nishi–Gotanda, Shinagawa–ku, Tokyo, Japan 141–8549
Phone: 81–3–5740–2745
Email: r14525@onsemi.com
ON Semiconductor Website: http://onsemi.com
For additional information, please contact your local
Sales Representative.
MC10ELT25/D
NORTH AMERICA Literature Fulfillment:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303–675–2175 or 800–344–3860 Toll Free USA/Canada
Fax: 303–675–2176 or 800–344–3867 Toll Free USA/Canada
Email: ONlit@hibbertco.com
Fax Response Line: 303–675–2167 or 800–344–3810 Toll Free USA/Canada
N. American Technical Support: 800–282–9855 Toll Free USA/Canada
EUROPE: LDC for ON Semiconductor – European Support
German Phone: (+1) 303–308–7140 (M–F 1:00pm to 5:00pm Munich Time)
Email: ONlit–german@hibbertco.com
French Phone: (+1) 303–308–7141 (M–F 1:00pm to 5:00pm Toulouse Time)
Email: ONlit–french@hibbertco.com
English Phone: (+1) 303–308–7142 (M–F 12:00pm to 5:00pm UK Time)
Email: ONlit@hibbertco.com
EUROPEAN TOLL–FREE ACCESS*: 00–800–4422–3781
*Available from Germany, France, Italy, England, Ireland


Similar Part No. - MC100ELT25D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100ELT25D ONSEMI-MC100ELT25D Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC100ELT25DG ONSEMI-MC100ELT25DG Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC100ELT25DG ONSEMI-MC100ELT25DG Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
MC100ELT25DR2 ONSEMI-MC100ELT25DR2 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
MC100ELT25DR2G ONSEMI-MC100ELT25DR2G Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
More results

Similar Description - MC100ELT25D

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100ELT24 MICREL-SY100ELT24_06 Datasheet
53Kb / 5P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
SY100ELT24 MICREL-SY100ELT24 Datasheet
60Kb / 4P
   TTL-to-DIFFERENTIAL ECL TRANSLATOR
logo
ON Semiconductor
MC10ELT25 ONSEMI-MC10ELT25_15 Datasheet
97Kb / 8P
   Differential ECL to TTL Translator
August, 2015 ??Rev. 14
logo
Micrel Semiconductor
SY100ELT25 MICREL-SY100ELT25 Datasheet
57Kb / 6P
   DIFFERENTIAL ECL-to-TTL TRANSLATOR
logo
ON Semiconductor
MC10ELT24 ONSEMI-MC10ELT24_15 Datasheet
94Kb / 8P
   5V TTL to Differential ECL Translator
August, 2015 ??Rev. 11
MC10ELT24 ONSEMI-MC10ELT24_06 Datasheet
137Kb / 8P
   5V TTL to Differential ECL Translator
December, 2006 ??Rev. 9
MC10ELT24 ONSEMI-MC10ELT24 Datasheet
65Kb / 8P
   5V TTL to Differential ECL Translator
October, 2004 ??Rev. 7
MC10ELT25 ONSEMI-MC10ELT25_06 Datasheet
141Kb / 8P
   ?? V Differential ECL to TTL Translator
December, 2006 ??Rev. 12
logo
National Semiconductor ...
F100125 NSC-F100125 Datasheet
105Kb / 4P
   Hex ECL-to-TTL Translator
logo
NXP Semiconductors
10129 PHILIPS-10129 Datasheet
412Kb / 9P
   Quad TTL-to-ECL Translator
June 14 1990
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com