Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

06020293 Datasheet(PDF) 8 Page - Testo SE & Co. KGaA

Part # 06020293
Description  Humidity/temperature measuring instrument
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TESTO [Testo SE & Co. KGaA]
Direct Link  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

06020293 Datasheet(HTML) 8 Page - Testo SE & Co. KGaA

  06020293 Datasheet HTML 1Page - Testo SE & Co. KGaA 06020293 Datasheet HTML 2Page - Testo SE & Co. KGaA 06020293 Datasheet HTML 3Page - Testo SE & Co. KGaA 06020293 Datasheet HTML 4Page - Testo SE & Co. KGaA 06020293 Datasheet HTML 5Page - Testo SE & Co. KGaA 06020293 Datasheet HTML 6Page - Testo SE & Co. KGaA 06020293 Datasheet HTML 7Page - Testo SE & Co. KGaA 06020293 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
0554 0188
0554 0190
Radio module for measuring instrument, 869.85 MHz, approval for the countries: DE, FR, UK, BE, NL, ES, IT, SE, AT,
DK, FI, HU, CZ, PL, GR, CH, PT, SI, MT, CY, SK, LU, EE, LT, IE, LV, NO
Radio module for measuring instrument, 915.00 MHz FSK, approval for USA, CA, CL
Accessories Radio probes
Part no.
testo 635
We measure it.
www.testo.com
Common Technical Data
Technical data Radio probes
Measuring rate
0.5 s or 10 s, adjustable on handle
Radio coverage
Up to 20 m (without obstructions)
Radio transmission
Unidirectional
Operating temperature
-20 to +50 °C
Storage temperature
-40 to +70 °C
Protection class
IP54
Radio immersion/penetration probe, NTC
Battery type
2 x 3V button cell (CR 2032)
Battery life
150 h (meas. rate 0.5 s)
2 months (meas. rate 10 s)
Radio handle
Battery type
2 AAA micro batteries
Battery life
215 h (meas. rate 0.5 s)
6 months (meas. rate 10 s)
Radio probes
testo-635-P08
06.08.2013
14:25
Seite 8
Testo Inc.
40 White Lake Rd.
Sparta, NJ 07871
800-227-0729
Email: info@testo.com


Similar Part No. - 06020293

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
06020293 TESTO-06020293 Datasheet
722Kb / 8P
   Temperature measuring instrument (2-channel)
06020293 TESTO-06020293 Datasheet
2Mb / 8P
   Multi-function measuring instrument
More results

Similar Description - 06020293

ManufacturerPart #DatasheetDescription
logo
Testo SE & Co. KGaA
TESTO625 TESTO-TESTO625 Datasheet
1Mb / 4P
   Humidity/temperature measuring instrument
TESTO605-H1 TESTO-TESTO605-H1 Datasheet
262Kb / 2P
   Humidity/temperature measuring instrument
TESTO622 TESTO-TESTO622 Datasheet
258Kb / 2P
   Humidity/temperature/pressure measuring instrument
TESTO905-T1 TESTO-TESTO905-T1 Datasheet
1Mb / 2P
   Penetration/surface temperature measuring instrument
TESTO922 TESTO-TESTO922 Datasheet
722Kb / 8P
   Temperature measuring instrument (2-channel)
logo
WALSIN TECHNOLOGY CORPO...
TTU25 WALSIN-TTU25 Datasheet
1Mb / 11P
   Measuring instrument
logo
Testo SE & Co. KGaA
TESTO460 TESTO-TESTO460 Datasheet
287Kb / 2P
   rpm measuring instrument
logo
PHOENIX CONTACT
2908590 PHOENIX-2908590 Datasheet
329Kb / 9P
   Measuring instrument - EEM-EM377
Jun 10, 2022
2908578 PHOENIX-2908578 Datasheet
309Kb / 9P
   Measuring instrument - EEM-EM355
Jun 10, 2022
2901366 PHOENIX-2901366 Datasheet
71Kb / 5P
   Measuring instrument - EEM-MA600
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com