Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

06020493 Datasheet(PDF) 5 Page - Testo SE & Co. KGaA

Part No. 06020493
Description  Multi-function VAC measuring instrument
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TESTO [Testo SE & Co. KGaA]
Homepage  https://www.testo.com/en-US/
Logo 

06020493 Datasheet(HTML) 5 Page - Testo SE & Co. KGaA

   
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
testo 480
Probes
We measure it.
Fast-action surface probe with
sprung thermocouple strip, bent,
also for uneven surfaces,
measurement range short-term to
+500°C, TC Type K, Fixed cable
-60 to +300 °C
Class 2 1)
3 s
0602 0993
80 mm
Ø 5 mm
Ø 12 mm
Probe type
Magnetic probe, adhesive force
approx. 20 N, with magnets, for
measurements on metal surfaces,
TC Type K, Fixed cable
Magnetic probe, adhesive force
approx. 10 N, with magnets, for
higher temp., for measurements on
metal surfaces, TC Type K, Fixed
cable
Waterproof surface probe with
widened measurement tip for flat
surfaces, T/C Type K, Fixed cable
Dimensions
Probe shaft/probe shaft tip
Measuring
range
-50 to +170 °C
-50 to +400 °C
-60 to +400 °C
Accuracy
Class 2 1)
Class 2 1)
Class 2 1)
t
99
150 s
30 s
Part no.
0602 4792
0602 4892
0602 1993
35 mm
75 mm
115 mm
Ø 5 mm
Ø 20 mm
Ø 21 mm
Ø 6 mm
Information on surface measurement:
• The response times t
99
stated are measured on ground steel or aluminium plates at +60 °C.
• The stated accuracies are sensor accuracies.
• The accuracy in your application is dependent on the surface structure (roughness), material of the measurement object (heat capacity and heat transfer), as wel as sensor accuracy.
Testo creates a corresponding calibration certificate for the deviations of your measurement system in your application. For this purpose, Testo uses a surface test bench developed in
cooperation with the PTB (Physikalisch Technische Bundesanstalt).
Flat head surface probe with
telescopic handle max. 680 mm for
measurements at hard-to-access
points, TC Type K, Fixed cable 1.6
m (correspondingly shorter when
telescope extended)
-50 to +250 °C
Class 2 1)
3 s
0602 2394
985 ±5 mm
12 mm
Ø 25 mm
Robust air probe, T/C Type K,
Fixed cable
Fast-action surface probe with
sprung thermocouple strip, also for
uneven surfaces, measurement
range short-term to +500°C, TC
Type K, Fixed cable
Fast-reaction paddle surface
probe, for measurements in
inaccessible places, e.g. narrow
apertures and slots, TC Type K,
Fixed cable
Efficient, waterproof surface probe
with small measurement head for
flat surfaces,
TC Type K, Fixed cable
-60 to +400 °C
-60 to +300 °C
0 to +300 °C
-60 to +1000 °C
Class 2 1)
Class 2 1)
Class 2 1)
Class 1 1)
25 s
3 s
5 s
20 s
0602 1793
0602 0393
0602 0193
0602 0693
Analog temperature probe
115 mm
115 mm
150 mm
Ø 4 mm
Ø 5 mm
Ø 2.5 mm
Ø 12 mm
Ø 4 mm
1) According to standard EN 60584-2, the accuracy of Class 1 refers to -40 to +1000 °C (Type K), Class 2 to -40 to +1200 °C (Type K), Class 3 to -200 to +40 °C (Type K).
A probe always corresponds to only one accuracy class.
145 mm
40 mm
Ø 8 mm
testo-480-P05
22.10.2014
11:35
Seite 5


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn