Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

06020493 Datasheet(PDF) 2 Page - Testo SE & Co. KGaA

Part No. 06020493
Description  Multi-function VAC measuring instrument
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TESTO [Testo SE & Co. KGaA]
Homepage  https://www.testo.com/en-US/
Logo 

06020493 Datasheet(HTML) 2 Page - Testo SE & Co. KGaA

   
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
testo 480
Technical data
testo 480
High-end VAC measuring instrument testo
480, including "EasyClimate" PC software,
power supply, USB cable and calibration
protocol
Part no. 0563 4800
Technical data
Sensor type
Resolution
Differential pressure, integrated
0.001 hPa
Measuring range
-100 to +100 hPa
Sensor type
Resolution
Radiation temperature, globe
0.1 °C
Measuring range
0 to +120 °C
Sensor type
Resolution
Vane, 100 mm
0.01 m/s
Measuring range
+0.1 to +15 m/s
Sensor type
Resolution
Testo humid. sensor, cap.
0.1 %RH
Measuring range
0 to 100 %RH
Absolute pressure,
integrated and external
0.1 hPa
700 to 1100 hPa
Pt100
0.01 °C
-100 to +400 °C
Hot wire, Hot bulb
0.01 m/s
0 to +20 m/s
CO
2
1 ppm CO
2
0 to 10000 ppm CO
2
Type K (NiCr-Ni)
0.1 °C
-200 to +1370 °C
Accuracy
±1 digit
±(0.3 Pa +1% of m.v.) (0 to +25 hPa)
±(0.1 hPa + 1.5% of m.v.) (+25.001 to +100 hPa)
±3 hPa
±(0.3 °C +0.1% of m.v.)
Vane, 16 mm
0.1 m/s
+0.6 to +50 m/s
Comfort probe
0.01 m/s
0 to +5 m/s
Lux
1 Lux
0 to 100000 Lux
We measure it.
Comfort measurement
HVAC measurement
- High-end VAC measuring instrument testo 480 incl. PMV/PPD
measurement (Part no. 0563 4800)
- Comfort probe for degree of turbulence measurement according to
EN 13779 (Part no. 0628 0143)*
- Globe probe Ø 150mm, TC Type K, for measuring radiant heat (Part
no. 0602 0743)
- IAQ probe for analyzing Indoor Air Quality, CO
2, humidity,
temperature and absolute pressure measurement, incl. table tripod
(Part no. 0632 1543)*
- Lux probe for measuring light intensity (Part no. 0635 0543)
- 2 x Plug-in head cable for digital probes (Part no. 0430 0100)
- Tripod for workplace evaluation (Part no. 0554 0743)
- System case for comfort level measurement (Part no. 0516 4801)
*Plug-in head cable required (order no. 0430 0100)
- High-end VAC measuring instrument testo 480 incl. PMV/PPD
measurement (Part no. 0563 4800)
- Vane measurement probe Ø 16 mm with telescope (scaling max.
960 mm) and integrated measurement button (Part no. 0635 9542)*
- Thermal flow velocity probe (hot wire) Ø 10 mm, bendable by 90°
(200 mm) with telescope (scaling max. 1100 mm) and integrated
measurement button (Part no. 0635 1543)*
- Humidity and temperature probe Ø 12 mm, highly accurate humidity
measurement with 1% accuracy (Part no. 0636 9743)*
- Vane measurement probe Ø 100 mm, for measurements on
ventilation outlets (Part no. 0635 9343)*
- Plug-in head cable for digital probes (Part no. 0430 0100)
- System case for HVAC measurements (Part no. 0516 4800)
*Plug-in head cable required (order no. 0430 0100)
General technical data
Probe connection
2 x TC Type K, 1 x differential pressure, 3 x
digital
Interfaces
USB connection, SD card, mains unit,
infrared for fast printer
Operating temperature
0 to +40 °C
Storage temperature
-20 to +60 °C
Power supply
Rechargeable battery, plug-in mains unit for
long-term measurements and charging battery
Battery life
approx. 17 hours (hand instrument without
probes, with 50 % display brightness)
Display
Colour graphic display
Memory
1.8 GB (approx. 60.000.000 measurement
values)
testo-480-P02
05.12.2014
11:29
Seite 2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn