Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

06020493 Datasheet(PDF) 8 Page - Testo SE & Co. KGaA

Part No. 06020493
Description  Multi-function VAC measuring instrument
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TESTO [Testo SE & Co. KGaA]
Homepage  https://www.testo.com/en-US/
Logo TESTO - Testo SE & Co. KGaA

06020493 Datasheet(HTML) 8 Page - Testo SE & Co. KGaA

  06020493 Datasheet HTML 1Page - Testo SE & Co. KGaA 06020493 Datasheet HTML 2Page - Testo SE & Co. KGaA 06020493 Datasheet HTML 3Page - Testo SE & Co. KGaA 06020493 Datasheet HTML 4Page - Testo SE & Co. KGaA 06020493 Datasheet HTML 5Page - Testo SE & Co. KGaA 06020493 Datasheet HTML 6Page - Testo SE & Co. KGaA 06020493 Datasheet HTML 7Page - Testo SE & Co. KGaA 06020493 Datasheet HTML 8Page - Testo SE & Co. KGaA  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
testo 480
Accessories
Part no.
Accessories for measuring instrument
0554 0743
0430 0100
0516 0481
0430 0946
0554 0410
0430 0101
0554 0415
0554 4172
0563 4170
0554 0660
0554 0440
0554 0453
0554 0549
0554 0568
0516 4801
0516 4800
0520 0001
0520 0211
0520 0006
0520 0206
0520 0025
0520 0005
0520 0004
0520 0034
0520 0010
0520 0033
Tripod for workplace evaluation With holders for hand-held instrument and probe. Can also be used as telescope extension
Plug-in head cable for digital probes
Soft case testo 480 incl. carrying strap
Telescope for digital probes, with ball joint and probe bracket, length 1.8
m. Use 5 m plug-in head cable (order no. 0430 0101).
testovent 410, volume flow funnel, Ø 340 mm/330x330 mm, incl. case
Plug-in head cable for digital probes, length 5 m
testovent 415, volume flow funnel, Ø 210 mm/210x210 mm, incl. case
Flow straightener testovent 417
testovent 417 funnel set for plate outlets (Ø 200 mm) and funnel for ventilator (330 x 330 mm) for ingoing and
outgoing air
Control and adjustment set for Testo humidity probes, salt solution with 11.3% RH and 75.3% RH, incl. adapter for
Testo humidity probes
Connection hose; silicone; 5 m long; max. load 700 hPa (mbar)
Connection hose silicone-free for differential pressure measurement, length 5 m, load up to maximum 700 hPa, (mbar)
Testo fast printer IrDA with wireless infrared interface; 1 roll thermal paper; 4 AA batteries for printing out
measurements on site
Spare thermal paper for printer (6 rolls), permanent ink, measurement data documentation legible for up to 10 years
System case for comfort level measurement For instrument, probes and other accessories
System case for HVAC measurements, For instrument, probes and other accessories
ISO calibration certificate/temperature for air/immersion probes, calibration points -18°C; 0°C; +60°C
DAkkS calibration certificate/temperature; meas. instr. with air/immersion probe; calibration points -20 °C; 0 °C; +60 °C
ISO calibration certificate humidity; Calibration points 11.3 %RH and 75.3 %RH at +25 °C
DAkkS calibration certificate/humidity; electronic hygrometers; calibration points 11.3%RH and 75.3%RH at +25°C
ISO calibration certificate pressure; accuracy 0.1 to 0.6 (% of fsv), 5 points distributed over meas. range
ISO calibration certificate pressure; accuracy > 0.6 (% of fsv)
ISO calibration certificate velocity; hot wire, vane anemometer, Pitot tube; calibration points 1; 2; 5; 10 m/s
ISO calibration certificate velocity; hot wire, vane anemometer, Pitot tube; calibration points 5; 10; 15; 20 m/s
ISO calibration certificate/light; Calibration points 0; 500; 1000; 2000; 4000 Lux
ISO calibration certificate/CO
2; CO2 probes; calibration points 0; 1000; 5000 ppm
More calibration certificates on request
Printer and Accessories
Transport and Protection
Calibration Certificates
We measure it.
www.testo.com
testo-480-P08
22.10.2014
11:38
Seite 8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn