Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

06020493 Datasheet(PDF) 7 Page - Testo SE & Co. KGaA

Part No. 06020493
Description  Multi-function VAC measuring instrument
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TESTO [Testo SE & Co. KGaA]
Homepage  https://www.testo.com/en-US/
Logo 

06020493 Datasheet(HTML) 7 Page - Testo SE & Co. KGaA

   
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Measuring
range
Accuracy
t
99
testo 480
We measure it.
Probes
Probe type
Dimensions
Probe shaft/probe shaft tip
Part no.
Pitot tube, 500 mm long, Ø 7
mm, stainless steel, for
measuring flow velocity*
Pitot tube, 350 mm long, Ø 7
mm, stainless steel, for
measuring flow velocity*
Pitot tube, 1000 mm long,
stainless steel, for measuring
flow velocity*
Straight pitot tube with integrated
temperature measurement, incl.
connection hose, length 360 mm
Straight pitot tube with integrated
temperature measurement, incl.
connection hose, length 500 mm
Straight pitot tube with integrated
temperature measurement, incl.
connection hose, length 1000
mm
Measuring range: 1 to 100 m/s
Operating temperature: 0 to +600 °C
Pitot tube factor: 1.0
Measuring range: 1 to 100 m/s
Operating temperature: 0 to +600 °C
Pitot tube factor: 1.0
Measuring range: 1 to 100 m/s
Operating temperature: 0 to +600 °C
Pitot tube factor: 1.0
Measuring range: 1 to 30 m/s
Operating temperature: 0 to +600 °C
Pitot tube factor: 0.67
Minimum immersion depth: 150 mm
Measuring range: 1 to 30 m/s
Operating temperature: 0 to +600 °C
Pitot tube factor: 0.67
Minimum immersion depth: 150 mm
Measuring range: 1 to 30 m/s
Operating temperature: 0 to +600 °C
Pitot tube factor: 0.67
Minimum immersion depth: 150 mm
0635 2045
0635 2145
0635 2345
0635 2043
0635 2143
0635 2243
500 mm
350 mm
1000 mm
360 mm
500 mm
1000 mm
Ø 7 mm
Ø 7 mm
Ø 7 mm
Pitot tubes
*Connection hose required (order no. 0554 0440) or (order no. 0554 0453)
1) According to standard EN 60584-2, the accuracy of Class 1 refers to -40 to +1000 °C (Type K), Class 2 to -40 to +1200 °C (Type K), Class 3 to -200 to +40 °C (Type K).
A probe always corresponds to only one accuracy class.
Thermocouple with TC adapter,
flexible, 800 mm long, fibre glass,
TC Type K
Thermocouple with TC adapter,
flexible, length 1500 mm ,
fibreglass, TC Type K
Thermocouple with TC adapter,
flexible, 1500 mm long, PTFE, TC
Type K
-50 to +400 °C
-50 to +400 °C
-50 to +250 °C
Class 2 1)
Class 2 1)
Class 2 1)
5 s
5 s
5 s
0602 0644
0602 0645
0602 0646
Thermocouples
800 mm
1500 mm
1500 mm
Ø 1.5 mm
Ø 1.5 mm
Ø 1.5 mm
testo-480-P07
25.11.2014
07:30
Seite 7


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn