Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

06020493 Datasheet(PDF) 6 Page - Testo SE & Co. KGaA

Part No. 06020493
Description  Multi-function VAC measuring instrument
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TESTO [Testo SE & Co. KGaA]
Homepage  https://www.testo.com/en-US/
Logo 

06020493 Datasheet(HTML) 6 Page - Testo SE & Co. KGaA

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
testo 480
We measure it.
Probes
1) According to standard EN 60584-2, the accuracy of Class 1 refers to -40 to +1000 °C (Type K), Class 2 to -40 to +1200 °C (Type K), Class 3 to -200 to +40 °C (Type K).
A probe always corresponds to only one accuracy class.
Probe type
Efficient and fast-action immersion
probe, waterproof, TC Type K,
Fixed cable
Fast-action, waterproof
immersion/penetration probe, TC
Type K, Fixed cable
Immersion tip, flexible, TC Type K
Immersion tip, flexible, TC Type K
Immersion measurement tip,
flexible, for measurements in
air/exhaust gases (not suitable for
measurements in smelters), TC
Type K
Waterproof immersion/penetration
probe, TC Type K, Fixed cable
Flexible, low-mass immersion
measurement tip, ideal for
measurements in small volumes
such as petri dishes, or for surface
measurements (e.g. attached with
adhesive tape), TC Type K, 2 m,
FEP insulated thermal wire,
temperature proof up to 200 °C,
oval wire with dimensions: 2.2 mm
x 1.4 mm
Dimensions
Probe shaft/probe shaft tip
Measuring
range
-60 to +1000 °C
-60 to +800 °C
-200 to
+1000 °C
-200 to +40 °C
-200 to
+1300 °C
-60 to +400 °C
-200 to
+1000 °C
Accuracy
Class 1 1)
Class 1 1)
Class 1 1)
Class 3 1)
Class 1 1)
Class 2 1)
Class 1 1)
t
99
2 s
3 s
5 s
5 s
4 s
7 s
1 s
Part no.
0602 0593
0602 2693
0602 5792
0602 5793
0602 5693
0602 1293
0602 0493
Analog temperature probe
300 mm
60 mm
1000 mm
114 mm
500 mm
14 mm
50 mm
Ø 1.5 mm
Ø 5 mm
Ø 1.5 mm
Ø 1.5 mm
Ø 3 mm
Ø 5 mm
Ø 0.25 mm
Ø 1.5 mm
500 mm
500 mm
Ø 3.7 mm
Waterproof food probe made of
stainless steel (IP65), TC Type K,
Fixed cable
-60 to +400 °C
Class 2 1)
7 s
0602 2292
125 mm
30 mm
Ø 4 mm
Ø 3.2 mm
Pipe wrap probe with velcro strip;
for temperature measurement on
pipes with diameter up to max. 120
mm; Tmax. +120 °C; TC Type K ,
Fixed cable
Pipe wrap probe for pipe diameter
5 to 65 mm, with exchangeable
measuring head. Meas. range
short-term up to +280°C, TC Type
K, Fixed cable
Spare meas. head for pipe wrap
probe, TC Type K
Clamp probe for measurements on
pipes, pipe diameter 15 to 25 mm
(max. 1"), meas. range short-term
up to +130°C, TC Type K, Fixed
cable
-50 to +120 °C
-60 to +130 °C
-60 to +130 °C
-50 to +100 °C
Class 1 1)
Class 2 1)
Class 2 1)
Class 2 1)
90 s
5 s
5 s
5 s
0628 0020
0602 4592
0602 0092
0602 4692
395 mm
35 mm
20 mm
15 mm
testo-480-P06
22.10.2014
11:36
Seite 6


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn