Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP01 Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC10EP01
Description  3.3V / 5V ECL 4-Input OR/NOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP01 Datasheet(HTML) 5 Page - ON Semiconductor

  MC10EP01 Datasheet HTML 1Page - ON Semiconductor MC10EP01 Datasheet HTML 2Page - ON Semiconductor MC10EP01 Datasheet HTML 3Page - ON Semiconductor MC10EP01 Datasheet HTML 4Page - ON Semiconductor MC10EP01 Datasheet HTML 5Page - ON Semiconductor MC10EP01 Datasheet HTML 6Page - ON Semiconductor MC10EP01 Datasheet HTML 7Page - ON Semiconductor MC10EP01 Datasheet HTML 8Page - ON Semiconductor MC10EP01 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MC10EP01, MC100EP01
http://onsemi.com
5
Table 8. 100EP DC CHARACTERISTICS, PECL VCC = 3.3 V, VEE = 0 V (Note 8)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
15
24
32
17
26
36
19
28
38
mA
VOH
Output HIGH Voltage (Note 9)
2155
2280
2405
2155
2280
2405
2155
2280
2405
mV
VOL
Output LOW Voltage (Note 9)
1355
1480
1605
1355
1480
1605
1355
1480
1605
mV
VIH
Input HIGH Voltage (Single−Ended)
2075
2420
2075
2420
2075
2420
mV
VIL
Input LOW Voltage (Single−Ended)
1355
1675
1355
1675
1355
1675
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
8. Input and output parameters vary 1:1 with VCC. VEE can vary +0.3 V to −2.2 V.
9. All loading with 50
W to VCC − 2.0 V.
Table 9. 100EP DC CHARACTERISTICS, PECL VCC = 5.0 V, VEE = 0 V (Note 10)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
15
24
32
17
26
36
19
28
38
mA
VOH
Output HIGH Voltage (Note 11)
3855
3980
4105
3855
3980
4105
3855
3980
4105
mV
VOL
Output LOW Voltage (Note 11)
3055
3180
3305
3055
3180
3305
3055
3180
3305
mV
VIH
Input HIGH Voltage (Single−Ended)
3775
4120
3775
4120
3775
4120
mV
VIL
Input LOW Voltage (Single−Ended)
3055
3375
3055
3375
3055
3375
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10. Input and output parameters vary 1:1 with VCC. VEE can vary +2.0 V to −0.5 V.
11. All loading with 50
W to VCC − 2.0 V.
Table 10. 100EP DC CHARACTERISTICS, NECL VCC = 0 V; VEE = −5.5 V to −3.0 V (Note 12)
−40
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
IEE
Power Supply Current
15
24
32
17
26
36
19
28
38
mA
VOH
Output HIGH Voltage (Note 13)
−1145
−1020
−895
−1145
−1020
−895
−1145
−1020
−895
mV
VOL
Output LOW Voltage (Note 13)
−1945
−1820
−1695
−1945
−1820
−1695
−1945
−1820
−1695
mV
VIH
Input HIGH Voltage (Single−Ended)
−1225
−880
−1225
−880
−1225
−880
mV
VIL
Input LOW Voltage (Single−Ended)
−1945
−1625
−1945
−1625
−1945
−1625
mV
IIH
Input HIGH Current
150
150
150
mA
IIL
Input LOW Current
0.5
0.5
0.5
mA
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
12. Input and output parameters vary 1:1 with VCC.
13. All loading with 50
W to VCC − 2.0 V.


Similar Part No. - MC10EP01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
MC10EP01 ONSEMI-MC10EP01 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results

Similar Description - MC10EP01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EP01 ONSEMI-MC10EP01_06 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC10EP101 ONSEMI-MC10EP101_06 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC100LVEL01 ONSEMI-MC100LVEL01_06 Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_16 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC100LVEL01 ONSEMI-MC100LVEL01_16 Datasheet
155Kb / 6P
   3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com