Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP01 Datasheet(PDF) 9 Page - ON Semiconductor

Part # MC10EP01
Description  3.3V / 5V ECL 4-Input OR/NOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP01 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button MC10EP01 Datasheet HTML 2Page - ON Semiconductor MC10EP01 Datasheet HTML 3Page - ON Semiconductor MC10EP01 Datasheet HTML 4Page - ON Semiconductor MC10EP01 Datasheet HTML 5Page - ON Semiconductor MC10EP01 Datasheet HTML 6Page - ON Semiconductor MC10EP01 Datasheet HTML 7Page - ON Semiconductor MC10EP01 Datasheet HTML 8Page - ON Semiconductor MC10EP01 Datasheet HTML 9Page - ON Semiconductor MC10EP01 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MC10EP01, MC100EP01
http://onsemi.com
9
PACKAGE DIMENSIONS
SOIC−8 NB
D SUFFIX
PLASTIC SOIC PACKAGE
CASE 751−07
ISSUE AB
SEATING
PLANE
1
4
5
8
N
J
X 45
_
K
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE
MOLD PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006)
PER SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.127 (0.005) TOTAL
IN EXCESS OF THE D DIMENSION AT
MAXIMUM MATERIAL CONDITION.
6. 751−01 THRU 751−06 ARE OBSOLETE. NEW
STANDARD IS 751−07.
A
B
S
D
H
C
0.10 (0.004)
DIM
A
MIN
MAX
MIN
MAX
INCHES
4.80
5.00
0.189
0.197
MILLIMETERS
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.053
0.069
D
0.33
0.51
0.013
0.020
G
1.27 BSC
0.050 BSC
H
0.10
0.25
0.004
0.010
J
0.19
0.25
0.007
0.010
K
0.40
1.27
0.016
0.050
M
0
8
0
8
N
0.25
0.50
0.010
0.020
S
5.80
6.20
0.228
0.244
−X−
−Y−
G
M
Y
M
0.25 (0.010)
−Z−
Y
M
0.25 (0.010)
Z
S
X S
M
__
__
1.52
0.060
7.0
0.275
0.6
0.024
1.270
0.050
4.0
0.155
mm
inches
SCALE 6:1
SOLDERING FOOTPRINT*
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.


Similar Part No. - MC10EP01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
MC10EP01 ONSEMI-MC10EP01 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
MC10EP016 ONSEMI-MC10EP016 Datasheet
199Kb / 14P
   3.3V / 5V ECL 8?묪it Synchronous Binary Up Counter
January, 2006 ??Rev. 11
MC10EP016 ONSEMI-MC10EP016 Datasheet
195Kb / 15P
   ECL 8-Bit Synchronous Binary Up Counter
August, 2007 - Rev. 12
More results

Similar Description - MC10EP01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL01 ONSEMI-MC10EL01_06 Datasheet
144Kb / 9P
   5V ECL 4-Input OR/NOR
December, 2006 ??Rev. 5
MC10EP01 ONSEMI-MC10EP01_06 Datasheet
156Kb / 10P
   3.3V / 5V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 8
logo
Micrel Semiconductor
SY10EP01V MICREL-SY10EP01V_06 Datasheet
491Kb / 6P
   5V/3.3V 4-INPUT OR/NOR
SY10EP01V MICREL-SY10EP01V Datasheet
80Kb / 5P
   5V/3.3V 4-INPUT OR/NOR
logo
ON Semiconductor
MC10EP101 ONSEMI-MC10EP101_06 Datasheet
154Kb / 9P
   3.3V / 5V ECL Quad 4?묲nput OR/NOR
November, 2006 ??Rev. 11
MC10E101 ONSEMI-MC10E101_06 Datasheet
124Kb / 7P
   5VECL Quad 4-Input OR/NOR Gate
November, 2006 ??Rev. 8
MC100LVEL01 ONSEMI-MC100LVEL01_06 Datasheet
134Kb / 7P
   3.3V ECL 4?묲nput OR/NOR
December, 2006 ??Rev. 3
logo
Arizona Microtek, Inc
AZ10EL01 AZM-AZ10EL01 Datasheet
73Kb / 6P
   ECL/PECL 4-Input OR/NOR
logo
ON Semiconductor
MC10EP01 ONSEMI-MC10EP01_16 Datasheet
179Kb / 10P
   V ECL 4-Input OR/NOR
August, 2016 ??Rev. 10
MC100LVEL01 ONSEMI-MC100LVEL01_16 Datasheet
155Kb / 6P
   3.3 V ECL 4-Input OR/NOR
July, 2016 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com