Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDC-20-1W Datasheet(PDF) 1 Page - Mini-Circuits

Part # PDC-20-1W
Description  6 to 30 dB COUPLING up to 10W 5 kHz to 2000 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

PDC-20-1W Datasheet(HTML) 1 Page - Mini-Circuits

  PDC-20-1W Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers
NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-832600 • Fax 44-1252-837010
Mini-Circuits
®
ISO 9001 CERTIFIED
NOTES:
*
L = 25-50 MHz, M = 50-300 MHz, U = 300-400 MHz
**
Upper range coupling ±0.75 dB
L = 40-100 MHz, M = 100-200 MHz
<
L = f
L-2fL
W
4-coupled ports, Isolation between coupled ports, 25 dB minimum.
f
Insertion loss specification in L range may degrade up to 1dB at
cold temperature, -55°C
J
When only specification for M or MU range given, specification
applies to entire frequency range.
n
Denotes 75 Ohm models
A.
General Quality Control Procedures, Environmental
Specifications, Hi-Rel and MIL description are given in General
Information (Section 0).
B.
Connector types and case mounted options, case finishes are
given in section 0, see “Case styles & Outline Drawings".
C.
Prices and specifications subject to change without notice.
1.
Mainline Loss includes theoretical power loss at coupled port.
2.
For PDC-HP models, external heat sinking is recommended to
reduce case temperature.
TDC-6-1
10-400
6.3±0.4
±0.4
2.0
2.4
2.0
2.4
2.0
2.5
36
30
30 25
20 15
1.5
1.0
2.0
B02
cw
23.95
TDC-10-1
1-400
10.0±0.5
±0.5
1.2
1.5
1.0
1.3
1.2
1.5
35
25
30 20
20 15
1.5
1.0
2.0
B02
cw
17.95
TDC-10-2
5-1000
11.0±0.5
±0.6
1.4
1.8
1.5
1.8
1.6
2.0
50
35
25 20
20 15
1.5
0.5
0.5
B02
cw
25.95
PDC-10-1
0.5-500
11.5±0.5
±0.6
0.85 1.3
0.65 1.0
0.85 1.3
32
25
32 25
22 15
1.2
1.5
3.0
A01
cu
13.45
< PDC-10-2
250-1000
10.5±0.5
±0.6
1.4
1.6
1.6
2.0
30
23
— —
25 15
1.5
5.0
A01
cu
34.45
PDC-10-5
1-2000
10.5±0.5
±1.0
1.2
1.9
1.3
1.9
2.0
2.5
38
25
30 18
22 15
1.3
0.5
0.5
A01
cu
40.95
PDC-10-6
0.005-20
11.0±0.5
±0.5
0.4
1.2
0.4
0.8
0.4
1.0
40
30
40 30
35 25
1.3
1.5
3.0
A01
cu
23.95
PDC-10-21**
1-1000
11.0±0.5
±0.5
1.2
1.7
1.2
1.7
1.6
2
40
30
25 20
25 20
1.3
1.0
2.0
A01
cu
32.95
PDC-10-22
5-750
11.0±0.5
±0.5
1.1
1.6
1.2
1.7
1.6
1.9
35
30
25 20
25 20
1.25
1.0
2.0
A01
cu
23.95
PDC-10-54
10-1500
10.5±0.5
±0.7
1.2
1.8
1.3
1.9
1.6
2.3
35
25
28 23
28 23
1.3
0.5
0.5
A01
cu
35.95
PDC-15-6
0.01-35
15.0±0.5
±0.5
0.3
0.6
0.2
0.4
0.3
0.6
38
30
35 25
28 20
1.15
2.0
4.0
A01
cu
23.95
PDC-15-21
1-500
14.7±0.5
±0.6
0.7
1.1
0.7
1.1
0.8
1.2
35
30
35 30
30 23
1.4
1.0
2.0
A01
cu
23.95
PDC-20-1*
25-400
21.0±0.75
±0.5
0.2
0.25
0.3
0.35
0.35 0.5
25
20
35 25
25 20
1.25
3.0
5.0
A01
cu
23.95
PDC-20-1W
10-700
19.2±0.5
±0.5
0.25 0.5
0.4
0.7
0.7
1.1
34
30
27 23
23 20
1.4
1.0
2.0
A01
cu
23.95
f PDC-20-3
0.2-250
19.5±0.5
±0.5
0.35 0.6
0.25 0.5
0.35 0.6
36
30
33 25
25 20
1.2
1.5
4.0
A01
cu
15.95
PDC-20A-5
0.1-2000
20.0±0.5
±1.0
0.6
1.5
0.6
1.5
1.9
2.9
34
20
25 15
20 10
1.5
0.5
2.0
C145
cy
44.95
n PDC-10-1-75
1-250
10.5±0.5
±0.75
1.1
1.5
1.1
1.5
1.1
1.5
30
20
30 20
30 20
2.0
2.0
4.0
A01
cu
14.95
n PDC-10-6-75
0.2-100
10.0±0.5
±0.2
1.2
1.6
0.9
1.2
0.9
1.3
50
30
40 25
37 25
1.5
1.0
2.0
A01
cu
23.95
n PDC-15-6-75
0.02-35
14.5±0.5
±0.5
0.3
0.7
0.3
0.7
0.3
0.7
35
20
35 20
35 20
1.3
1.5
4.0
A01
cu
25.95
n PDC-20-3-75
1-150
19.5±0.5
±0.75
0.35 0.8
0.35 0.8
0.35 0.8
25
20
25 20
25 20
2.0
2.0
4.0
A01
cu
14.95
n PDC-20-6-75
0.05-40
20.4±0.3
±0.25
0.1
0.25
0.1
0.2
0.1
0.3
45
35
35 20
25 18
1.2
1.5
3.0
A01
cu
23.95
W P4DC-30A-2
5-1000
30.5±0.5
±1.0
0.7
1.2
0.7
1.2
0.8
1.5
30
15
32 20
20 10
1.15
1.0
2.0
C07
da
34.95
PDC20-400HP
40-400
21.5±0.5
±0.6
0.1
0.3
0.2
0.4
0.2
0.5
30
20
30 20
27 18
1.1
10.0
10.0
A01
gh
49.95
PDC20-900HP
800-900
20.2±0.6
±0.5
0.25 0.5
24 20
1.1
5.0
5.0
A01
cu
39.95
PDC20-970HP
860-970
20.2±0.6
±0.5
0.25 0.5
24 20
1.1
5.0
5.0
A01
cu
39.95
TDC
L = low range [f
L to 10fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
192
NSN GUIDE
MCL NO.
NSN
MIL-C 15370/18*
PDC-10-1
5985-01-178-4406
002
PDC-10-1-75
5985-01-294-3796
PDC-10-2
008
PDC-10-5
5895-01-389-9497
PDC-10-21
5985-01-130-0177
003
PDC-10-22
5985-01-190-7738
PDC-10-54
5895-01-394-6080
PDC-15-6
5985-01-147-0160
009
PDC-20-3
5985-01-076-8477
001
TCD-6-1
5985-01-457-7382
TDC-10-1
5985-01-226-3428
* units are not QPL listed.
pin and coax connections
see case style outline drawing
Port
cu
cw
cy
da
gh
Input
1
1
14
8
1
Output
4
2
8
12
2
Coupled (forward)
3
4
5
2,1,13,14*
5
Coupled (reverse)
—————
Not Used
6
————
Case GND
2,5,7,8
3
All other
All other
3,4,6,7,8
pins
pins
DEMO BOARD
—————
* 4-coupled ports #1, #2, #3, #4 consecutively
COUPLING
dB
MAINLINE LOSS
1
dB
f
L-fU
DIRECTIVITY
dB
FREQ.
RANGE
MHz
MODEL
NO.
C
O
N
N
E
C
T
I
O
N
CASE
STYLE
Qty.
(1-9)
PRICE
$
Note B
VSWR
(:1)
Typ.
Nom.
Flatness
MJ
J
J
J
J
Typ. Max.
L
Typ. Max.
U
Typ. Max.
L
Typ. Min.
MJ
J
J
J
J
Typ. Min.
U
Typ. Min.
POWER
INPUT, W
L
Max.
MU
Max.
6 to 30 dB COUPLING up to 10W 5 kHz to2000 MHz
50 & 75
Plug-In
DIRECTIONAL COUPLERS
P4DC
PDC-20A-5
PDC


Similar Part No. - PDC-20-1W

ManufacturerPart #DatasheetDescription
logo
Power Sonic Corporation
PDC-121000 POWER-SONIC-PDC-121000 Datasheet
705Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PDC-121100 POWER-SONIC-PDC-121100 Datasheet
972Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PDC-12140 POWER-SONIC-PDC-12140 Datasheet
1,006Kb / 2P
   Rechargeable Sealed Lead Acid Battery
PDC-12200 POWER-SONIC-PDC-12200 Datasheet
1Mb / 2P
   Rechargeable Sealed Lead Acid Battery
PDC-122000 POWER-SONIC-PDC-122000 Datasheet
718Kb / 2P
   Rechargeable Sealed Lead Acid Battery
More results

Similar Description - PDC-20-1W

ManufacturerPart #DatasheetDescription
logo
Micronetics, Inc.
NMA2012-A2S MICRONETICS-NMA2012-A2S Datasheet
163Kb / 2P
   Legacy 100 kHz to 2000 MHz
logo
Teledyne Technologies I...
AC2092 TELEDYNE-AC2092 Datasheet
164Kb / 2P
   30 TO 2000 MHz TO-8 CASCADABLE AMPLIFIERS
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
   10 TO 2000 MHz 10 TO 2000 MHz
AC2025 TELEDYNE-AC2025 Datasheet
162Kb / 2P
   5 TO 2000 MHz TO-8 CASCADABLE AMPLIFIERS
A2CP2010 TELEDYNE-A2CP2010 Datasheet
100Kb / 1P
   30 TO 2000 MHz COUGARPAK??AMPLIFIER
logo
Tyco Electronics
A63 MACOM-A63_1 Datasheet
383Kb / 2P
   Cascadable Amplifier 5 to 2000 MHz
logo
MICORO CRYSTAL SWITZERL...
MCSO6 MICROCRYSTAL-MCSO6 Datasheet
278Kb / 2P
   From 10 kHz up to 155 MHz
MCSO2 MICROCRYSTAL-MCSO2 Datasheet
319Kb / 2P
   From 10 kHz up to 225 MHz
logo
Mini-Circuits
ADAPTENUATORS MINI-ADAPTENUATORS Datasheet
57Kb / 2P
   50OHM, 3,6,10 dB, DC to 2000 MHz Adaptenuators
logo
MICORO CRYSTAL SWITZERL...
MCSO1 MICROCRYSTAL-MCSO1_17 Datasheet
415Kb / 2P
   From 10 kHz up to 225 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com