Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDJ1032C Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDJ1032C
Description  Complementary PowerTrench MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDJ1032C Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDJ1032C Datasheet HTML 1Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 2Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 3Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 4Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 5Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 6Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 7Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 8Page - Fairchild Semiconductor FDJ1032C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2005 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
February 2005
FDJ1032C Rev. B1(W)
FDJ1032C
Complementary PowerTrench® MOSFET
Features
■ Q1 –2.8 A, –20 V.
RDS(ON) = 160 mΩ @ VGS = –4.5 V
RDS(ON) = 230 mΩ @ VGS = –2.5 V
RDS(ON) = 390 mΩ @ VGS = –1.8 V
■ Q2 3.2 A, 20 V.
RDS(ON) = 90 mΩ @ VGS = 4.5 V
RDS(ON) = 130 mΩ @ VGS = 2.5 V
■ Low gate charge
■ High performance trench technology for extremely low
RDS(ON)
■ FLMP SC75 package: Enhanced thermal performance in
industry-standard package size
Applications
■ DC/DC converter
■ Load switch
■ Motor Driving
General Description
These N & P-Channel MOSFETs are produced using Fairchild
Semiconductor’s advanced PowerTrench process that has been
especially tailored to minimize on-state resistance and yet main-
tain superior switching performance.
These devices are well suited for low voltage and battery pow-
ered applications where low in-line power loss and fast switch-
ing are required.
Absolute Maximum Ratings TA = 25°C unless otherwise noted
Symbol
Parameter
Q1
Q2
Units
VDSS
Drain-Source Voltage
–20
20
V
VGSS
Gate-Source Voltage
±8
±12
V
ID
Drain Current
– Continuous
(Note 1a)
–2.8
3.2
A
– Pulsed
–12
12
PD
Power Dissipation for Single Operation
(Note 1a)
1.5
W
(Note 1b)
0.9
TJ, TSTG
Operating and Storage Junction Temperature Range
–55 to +150
°C
Thermal Characteristics
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
80
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1a)
5
3
2
1
4
5
6
Q1 (P)
Bottom Drain Contact
Bottom Drain Contact
Q2 (N)
S1
S2
G2
G1
S1
S2


Similar Part No. - FDJ1032C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDJ1032C FAIRCHILD-FDJ1032C Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C_08 Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
More results

Similar Description - FDJ1032C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDW2521C FAIRCHILD-FDW2521C Datasheet
149Kb / 8P
   Complementary PowerTrench MOSFET
FDC6020C FAIRCHILD-FDC6020C Datasheet
211Kb / 9P
   Complementary PowerTrench MOSFET
logo
ON Semiconductor
FDME1034CZT ONSEMI-FDME1034CZT Datasheet
316Kb / 12P
   MOSFET - Complementary, POWERTRENCH
October, 2019 ??Rev. 1
logo
Fairchild Semiconductor
FDW2520C FAIRCHILD-FDW2520C Datasheet
124Kb / 8P
   Complementary PowerTrench MOSFET
FDW2520C FAIRCHILD-FDW2520C_08 Datasheet
398Kb / 8P
   Complementary PowerTrench MOSFET
FDW2521C FAIRCHILD-FDW2521C_08 Datasheet
268Kb / 8P
   Complementary PowerTrench MOSFET
FDJ1032C FAIRCHILD-FDJ1032C_08 Datasheet
7Mb / 9P
   Complementary PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDW2521C KEXIN-KDW2521C Datasheet
70Kb / 3P
   Complementary PowerTrench MOSFET
KDS4559 KEXIN-KDS4559 Datasheet
78Kb / 3P
   60V Complementary PowerTrench MOSFET
KI4542DY KEXIN-KI4542DY Datasheet
77Kb / 3P
   30V Complementary PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com