Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A82DL1644UG-70IF Datasheet(PDF) 10 Page - AMIC Technology

Part # A82DL1644UG-70IF
Description  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL1644UG-70IF Datasheet(HTML) 10 Page - AMIC Technology

Back Button A82DL1644UG-70IF Datasheet HTML 6Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 7Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 8Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 9Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 10Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 11Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 12Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 13Page - AMIC Technology A82DL1644UG-70IF Datasheet HTML 14Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
A82DL16x4T(U) Series
PRELIMINARY
(August, 2005, Version 0.0)
9
AMIC Technology, Corp.
Table 1-2. Device Bus Operations – Flash Byte Mode (
BYTE_F = VIL)
Operation
(Notes 1, 2)
CE_F
E1_S
C
CE2_S
OE
WE A0-A19 LB_S
(Note3)
UB_S
(Note3)
RESET WP /ACC
(Note 4)
I/O7
I/O0
I/O15
I/O8
H
X
Read from Flash
L
X
L
L
H
AIN
X
X
H
L/H
IOUT
High-Z
H
X
Write to Flash
L
X
L
H
L
AIN
X
X
H
(Note 3)
IIN
I/O14–8
=Hi-Z;
I/O15=A-1
H
X
Standby
VCC ±
0.3 V
X
L
X
X
X
X
X
VCC_F ±
0.3 V
H
High-Z
High-Z
H
H
X
L
X
Output Disable
L
L
H
H
X
X
X
L
H
L/H
High-Z
High-Z
H
X
Flash Hardware
Reset
X
X
L
X
X
X
X
X
L
L/H
High-Z
High-Z
H
X
Sector Protect
(Notes)
L
X
L
H
L
SA,
A6 = L,
A1 = H,
A0 = L
X
X
VID
L/H
IIN
X
H
X
Sector Unprotect
(Note 5)
L
X
L
H
L
SA,
A6 = H,
A1 = H,
A0 = L
X
X
VID
(Note 6)
IIN
X
H
X
Temporary
Sector Unprotect
X
X
L
X
X
AIN
X
X
VID
(Note 6)
IIN
High-Z
H
L
IOUT
IOUT
H
L
High-Z
IOUT
Read from
SRAM
H
L
H
L
H
AIN
L
H
H
X
IOUT
High-Z
H
L
IIN
IIN
L
H
High-Z
IIN
Write to SRAM
H
L
H
X
L
AIN
L
H
H
X
IIN
High-Z
Legend: L = Logic Low = VIL, H = Logic High = VIH, VID = 8.5–12.5 V, VHH = 9.0 ± 0.5 V, X = Don’t Care, SA = Sector Address,
AIN = Address In (for Flash Byte Mode, I/O15=A-1), IIN = Data In, IOUT = Data Out
Notes:
1.Other operations except for those indicated in this column are inhibited.
2.Do not apply CE_F = VIL, CE1_S = VIL and CE2_S = VIH at the same time.
3.Don’t care or open LB_S or UB_S .
4.The sector protect and sector unprotect functions may also be implemented via programming equipment. See the
“Sector/Sector Block Protection and Unprotection” section.
5. If
WP /ACC = VIL, the two outermost boot sectors remain protected. If WP /ACC = VIH, the two outermost boot sector
protection depends on whether they were last protected or unprotected using the method described in “Sector/Sector Block
Protection and Unprotection”. If
WP /ACC = VHH, all sectors will be unprotected.


Similar Part No. - A82DL1644UG-70IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL1642 AMICC-A82DL1642 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1642TG-70 AMICC-A82DL1642TG-70 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1642TG-70F AMICC-A82DL1642TG-70F Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1642TG-70I AMICC-A82DL1642TG-70I Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1642TG-70IF AMICC-A82DL1642TG-70IF Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
More results

Similar Description - A82DL1644UG-70IF

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com