Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LV02TX Datasheet(PDF) 9 Page - Pericom Semiconductor Corporation

Part # PI90LV02TX
Description  SOTinyTM LVDS High-Speed Differential Line Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LV02TX Datasheet(HTML) 9 Page - Pericom Semiconductor Corporation

  PI90LV02TX Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LV02TX Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LV02TX Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LV02TX Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LV02TX Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LV02TX Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LV02TX Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LV02TX Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LV02TX Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI90LV02/PI90LVT02
SOTinyTM LVDS High-Speed Differential Line Receiver
9
PS8659B
09/28/04
Packaging Mechanical: 5-Pin SOT-23 (T)
.102
.118
BSC
0.60
12
3
.000
.005
0.00
0.15
.014
.019
0.35
0.50
54
1.50
1.75
.059
.068
0.10
.023
.004
1.45 MAX.
SEATING
PLANE
.057
0” - 10”
1.90
.075
.037
BSC
2.60
3.00
0.95
.110
.118
2.80
3.00
X.XX
X.XX
Datum "A"
DENOTES DIMENSIONS
IN MILIMETERS
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com
OrderingInformation
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/
2. X = Tape and reel
Ordering Code
Package Code
Package Description
Top Marking
PI90LV02TX
T
5-pin, SOT23
L5
PI90LV02TEX
T
Pb-free & Green, 5-pin, SOT23
L5
PI90LVT02TX
T
5-pin, SOT23
L6
PI90LVT02TEX
T
Pb-free & Green, 5-pin, SOT23
L6


Similar Part No. - PI90LV02TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV02TEX PERICOM-PI90LV02TEX Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
More results

Similar Description - PI90LV02TX

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LV02 PERICOM-PI90LV02_09 Datasheet
364Kb / 9P
   SOTiny LVDS High-Speed Differential Line Receiver
PI90LV179 PERICOM-PI90LV179_15 Datasheet
995Kb / 11P
   3.3V LVDS High-Speed Differential Line Driver and Receiver
logo
NXP Semiconductors
PTN3332 PHILIPS-PTN3332 Datasheet
92Kb / 16P
   High speed differential line receiver
Rev. 01-07 January 2004
logo
Texas Instruments
SN65LVDS2 TI-SN65LVDS2 Datasheet
131Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
SN65LVDT2 TI-SN65LVDT2 Datasheet
133Kb / 10P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
logo
NXP Semiconductors
PTN3342 PHILIPS-PTN3342 Datasheet
91Kb / 16P
   High speed differential line receiver
Rev. 01-05 January 2004
logo
Texas Instruments
SN55LVDS32-SP TI1-SN55LVDS32-SP Datasheet
383Kb / 19P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVER
DSLVDS1048 TI1-DSLVDS1048 Datasheet
1Mb / 25P
[Old version datasheet]   3.3-V LVDS Quad Channel High-Speed Differential Line Receiver
DS90LT012AQ TI1-DS90LT012AQ_15 Datasheet
776Kb / 14P
[Old version datasheet]   Automotive LVDS Differential Line Receiver
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
[Old version datasheet]   LVDS QUAD DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com