Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP62S16256FV-70LLI Datasheet(PDF) 4 Page - AMIC Technology

Part # LP62S16256FV-70LLI
Description  256K X 16 BIT LOW VOLTAGE CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP62S16256FV-70LLI Datasheet(HTML) 4 Page - AMIC Technology

  LP62S16256FV-70LLI Datasheet HTML 1Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 2Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 3Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 4Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 5Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 6Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 7Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 8Page - AMIC Technology LP62S16256FV-70LLI Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LP62S16256F-I Series
PRELIMINARY
(August, 2004, Version 0.4)
3
AMIC Technology, Corp.
Pin Description - CSP
Symbol
Description
Symbol
Description
A0 - A17
Address Inputs
HB
Higher Byte Enable Input
(I/O9 - I/O16)
CE
Chip Enable
OE
Output Enable
I/O1 - I/O16
Data Input/Output
VCC
Power Supply
WE
Write Enable Input
GND
Ground
LB
Byte Enable Input
(I/O1 - I/O8)
NC
No Connection
Recommended DC Operating Conditions
(TA = -40
°C to + 85°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
2.7
3
3.6
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
-
VCC + 0.3
V
VIL
Input Low Voltage
-0.3
-
+0.6
V
CL
Output Load
-
-
30
pF
TTL
Output Load
-
-
1
-


Similar Part No. - LP62S16256FV-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256FV-70LLT AMICC-LP62S16256FV-70LLT Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results

Similar Description - LP62S16256FV-70LLI

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16256E-I AMICC-LP62S16256E-I Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256E-T AMICC-LP62S16256E-T Datasheet
167Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S8316 AMICC-A62S8316 Datasheet
142Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T_15 Datasheet
193Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T Datasheet
159Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-I AMICC-LP62S16256F-I_15 Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16256E-T AMICC-LP62E16256E-T Datasheet
164Kb / 15P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-I AMICC-LP62S16256G-I Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256F-T AMICC-LP62S16256F-T_15 Datasheet
213Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16256G-T AMICC-LP62S16256G-T Datasheet
176Kb / 14P
   256K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com