Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTV-358T Datasheet(PDF) 7 Page - Lite-On Technology Corporation

Part No. LTV-358T
Description  Hybrid substrates that require high density mounting, Programmable controllers
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITEON [Lite-On Technology Corporation]
Homepage  http://www.liteon.com.tw/databook/default.htm
Logo 

LTV-358T Datasheet(HTML) 7 Page - Lite-On Technology Corporation

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
 
    
   
Fig.1 Forword Current
Fig.2 Collector Power Dissiption
vs. Ambient Temperature
Fig.4 Forward Current vs. Forward
Fig.5 Current Transfer Ratio vs.
Forward Current
Fig.6 Collector Current vs.
Collector-emitter Voltage
0
Ta= 75 C
50 C
25 C
0 C
-25 C
Ta= 25 C
Pc(MAX.)
5mA
10mA
20mA
vs. Ambient Temperatute
Ambient temperature Ta ( C)
Ambient temperature Ta ( C)
Fig.3 Collector-emitter Saturation
Voltage vs. Forward Current
Ta= 25 C
Voltage
o
o
o
O
o
o
o
o
o
o
10
20
30
40
50
60
0
50
100
150
200
0
1
0
0
15
1
2
3
4
5
6
0.5
1.0
1.5
2.0
2.5
3.0
2
5
10
20
50
100
200
500
0
1
0
0
2
5
10
20
50
20
40
60
80
100
120
140
160
180
200
1
2
345
6
789
10
30
50
10
5
20
40
25mA
15mA
Forward voltage VF (V)
Forward current IF (mA)
Forward current IF (mA)
Collector-emitter voltage VCE (V)
IF=30mA
VCE=5V
Ta= 25 C
050
25
75
100
125
-55
-55
125
25
0
50
75
100
4  '()
4" * 7



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LTV-354THybrid substrates that require high density mounting 1 2 3 4 5 MoreLite-On Technology Corporation
PC818High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
1024In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
2128VL2.5V In-System Programmable SuperFAST™ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISP621-1HIGH DENSITY MOUNTING PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS 1 2 3 List of Unclassifed Manufacturers
PC829High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components
1024EAIn-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
2192VE3.3V In-System Programmable SuperFAST™ High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
ISPLSI1032In-System Programmable High Density PLD 1 2 3 4 5 MoreLattice Semiconductor
PC861High Collector-emitter Voltage High Density Mounting Type Photocoupler 1 2 3 4 Sharp Electrionic Components

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn