Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD025A101GAB4A Datasheet(PDF) 14 Page - AVX Corporation

Part # LD025A101GAB4A
Description  MLCC Tin/Lead Termination "B" (LD Series)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LD025A101GAB4A Datasheet(HTML) 14 Page - AVX Corporation

Back Button LD025A101GAB4A Datasheet HTML 6Page - AVX Corporation LD025A101GAB4A Datasheet HTML 7Page - AVX Corporation LD025A101GAB4A Datasheet HTML 8Page - AVX Corporation LD025A101GAB4A Datasheet HTML 9Page - AVX Corporation LD025A101GAB4A Datasheet HTML 10Page - AVX Corporation LD025A101GAB4A Datasheet HTML 11Page - AVX Corporation LD025A101GAB4A Datasheet HTML 12Page - AVX Corporation LD025A101GAB4A Datasheet HTML 13Page - AVX Corporation LD025A101GAB4A Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
52
MLCC Tin/Lead Termination “B”
SIZE
LD02
LD03
LD05
LD06
LD10
LD12
Soldering
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Reflow/Wave
Packaging
All Paper
All Paper
Paper/Embossed
Paper/Embossed
Paper/Embossed
(L) Length
mm
1.00 ± 0.10
1.60 ± 0.15
2.01 ± 0.20
3.20 ± 0.20
3.20 ± 0.20
(in.)
(0.040 ± 0.004)
(0.063 ± 0.006)
(0.079 ± 0.008)
(0.126 ± 0.008)
(0.126 ± 0.008)
W) Width
mm
0.50 ± 0.10
0.81 ± 0.15
1.25 ± 0.20
1.60 ± 0.20
2.50 ± 0.20
(in.)
(0.020 ± 0.004)
(0.032 ± 0.006)
(0.049 ± 0.008)
(0.063 ± 0.008)
(0.098 ± 0.008)
(t) Terminal
mm
0.25 ± 0.15
0.35 ± 0.15
0.50 ± 0.25
0.50 ± 0.25
0.50 ± 0.25
(in.)
(0.010 ± 0.006)
(0.014 ± 0.006)
(0.020 ± 0.010)
(0.020 ± 0.010)
(0.020 ± 0.010)
WVDC
4 6.3 10 16 25 50 4 6.3 10 16 25 35 50 6.3 10 16 25 35 50 6.3 10 16 25 35 50 4 6.3 10 16 25 35 50 6.3 10 25 50
Cap
100
(pF)
150
220
C
330
C
470
C
680
C
1000
C
1500
C
2200
C
3300
C
4700
C
G
6800
C
G
Cap
0.010
C
G
(μF)
0.015
C
G G G
0.022
C
C
G G G
N
0.033
C
G G G
N
0.047
C
C
G G G
N
0.068
C
G
G
N
0.10
C C
C
G
G
N
N
0.15
G
N N
0.22
C*
G G
N N
Q
0.33
G G
N
0.47 C* C*
G
N
Q Q
X
0.68
G
N
1.0 C* C* C*
G G G J*
N N
P*
Q Q
X X X
1.5
2.2 C*
G* G* J* J*
N N N
Q Q
Z X
3.3
J* J* J* J*
N N
X X
4.7
J* J* J*
N N N* N*
X X
X
X
Q
Z
10
K*
P
P
P
X X
X
X
X
Z
Z
Z
22
P*
X X
X
X
Z Z
Z
Z
47
X
Z*
100
Z* Z
WVDC 4 6.3 10 16 25 50 4 6.3 10 16 25 35 50 6.3 10 16 25 35 50 6.3 10 16 25 35 50 4 6.3 10 16 25 35 50 6.3 10 25 50
SIZE
LD02
LD03
LD05
LD06
LD10
LD12
Letter
A
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040) (0.050) (0.055) (0.060) (0.070) (0.090) (0.100) (0.110)
PAPER
EMBOSSED
PREFERRED SIZES ARE SHADED
*Optional Specifications – Contact factory
NOTE: Contact factory for non-specified capacitance values
112916
Capacitance Range
X5R –


Similar Part No. - LD025A101GAB4A

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
LD02 GULFSEMI-LD02 Datasheet
202Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
MORNSUN Science& Techno...
LD02-10B03 MORNSUN-LD02-10B03 Datasheet
299Kb / 3P
   1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B05 MORNSUN-LD02-10B05 Datasheet
299Kb / 3P
   1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B09 MORNSUN-LD02-10B09 Datasheet
299Kb / 3P
   1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
LD02-10B12 MORNSUN-LD02-10B12 Datasheet
299Kb / 3P
   1W/2W, ULTRA SMALL SIZE AC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com